Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASBSV6-LED5 Fiches technique(PDF) 38 Page - Lumberg

No de pièce ASBSV6-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV6-LED5 Fiches technique(HTML) 38 Page - Lumberg

Back Button ASBSV6-LED5 Datasheet HTML 34Page - Lumberg ASBSV6-LED5 Datasheet HTML 35Page - Lumberg ASBSV6-LED5 Datasheet HTML 36Page - Lumberg ASBSV6-LED5 Datasheet HTML 37Page - Lumberg ASBSV6-LED5 Datasheet HTML 38Page - Lumberg ASBSV6-LED5 Datasheet HTML 39Page - Lumberg ASBSV6-LED5 Datasheet HTML 40Page - Lumberg ASBSV6-LED5 Datasheet HTML 41Page - Lumberg ASBSV6-LED5 Datasheet HTML 42Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
38
M12 Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes
Connector Types: M12-M12
M12 Male Straight – M12 Female 90˚ (LED)
M12 Cordsets, Double Ended, Male Straight to
Female 90
˚ with LED, Threaded Connector 3- and
4-Poles with Molded Cable. IP 67 Rated.
Cable Types:
224 | 225
= PUR, halogen-free, black
251 | 260
= PUR, halogen-free, weld
spark proof, orange
M12 Male Str – M12 Female Str (LED)
M12 Cordsets, Double Ended, Male Straight to
Female Straight with LED, Threaded Connector
3-Poles with Molded Cable. IP 67 Rated.
Cable Types:
224
= PUR, halogen-free, black
RST-RKWT/LED
RST-RKT/LED
Part No.
RST 3-RKWT/LED A 4-3-224/0,3 M
RST 3-RKWT/LED A 4-3-224/0,6 M
RST 3-RKWT/LED A 4-3-224/1 M
RST 3-RKWT/LED A 4-3-224/1,5 M
RST 3-RKWT/LED A 4-3-224/2 M
RST 3-RKWT/LED A 4-3-224/5 M
RST 3-RKWT/LED A 4-3-260/0,3 M
RST 3-RKWT/LED A 4-3-260/0,6 M
RST 3-RKWT/LED A 4-3-260/1 M
RST 3-RKWT/LED A 4-3-260/1,5 M
RST 3-RKWT/LED A 4-3-260/2 M
RST 3-RKWT/LED A 4-3-260/5 M
RST 4-RKWT/LED P 4-225/0,3 M
RST 4-RKWT/LED P 4-225/0,6 M
RST 4-RKWT/LED P 4-225/1 M
RST 4-RKWT/LED P 4-225/1,5 M
RST 4-RKWT/LED P 4-225/2 M
RST 4-RKWT/LED P 4-225/5 M
RST 4-RKWT/LED P 4-251/0,3 M
RST 4-RKWT/LED P 4-251/0,6 M
RST 4-RKWT/LED P 4-251/1 M
RST 4-RKWT/LED P 4-251/1,5 M
RST 4-RKWT/LED P 4-251/2 M
RST 4-RKWT/LED P 4-251/5 M
RST 4-RKWT/LED R 4-251/0,3 M
RST 4-RKWT/LED R 4-251/0,6 M
RST 4-RKWT/LED R 4-251/1 M
RST 4-RKWT/LED R 4-251/1,5 M
RST 4-RKWT/LED R 4-251/2 M
RST 4-RKWT/LED R 4-251/5 M
Part No.
RST 3-RKT/LED A 4-3-224/0,3 M
RST 3-RKT/LED A 4-3-224/0,6 M
RST 3-RKT/LED A 4-3-224/1 M
RST 3-RKT/LED A 4-3-224/1,5 M
RST 3-RKT/LED A 4-3-224/2 M
RST 3-RKT/LED A 4-3-224/5 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More