| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSV6-LED5 Fiches technique(PDF) 44 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV6-LED5 Fiches technique(HTML) 44 Page - Lumberg |
|
44 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 44 M12-Duo-Male - 2xM8-Female 90˚ (LED) Actuator-/Sensor-Double Ended, M12-Duo-Male and two M8-Female 90 ˚, 3-Pole with LED Operation and Function Indicator, Self-Locking Threaded Joint, IP 67 Rated. Cable Types: 226 = PUR, halogen-free, black M12-Duo-Male - 2xM12-Female Straight Actuator-/Sensor-Double Ended, M12-Duo-Male and two M12-Female Straight, 3-Pole with Self-Locking Threaded Joint, IP 67 Rated. ASB 2-RKT: without AND Logic ASBA 2-RKT: with AND Logic Cable Types: 224 = PUR, halogen-free, black 251 = PUR, halogen-free, weld spark proof, black M12-Duo-Male - 2xM12-Female 90˚ Actuator-/Sensor-Double Ended, M12-Duo-Male and two M12-Female 90 ˚, 3-Pole with Self-Locking Threaded Joint, IP 67 Rated. Cable Types: 224 = PUR, halogen-free, black 251 = PUR, halogen-free, weld spark proof, black M12-Duo-Male - 2xM12-Female 90˚ (LED) Actuator-/Sensor-Double Ended, M12-Duo-Male and two M12-Female 90 ˚, 3-Pole with LED Operation and Function Indicator, Self-Locking Threaded Joint, IP 67 Rated. Cable Types: 224 = PUR, halogen-free, black ASB 2-RKMWV/LED ASB 2-RKT | ASBA 2-RKT ASB 2-RKWT ASB 2-RKWT/LED M12 Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes Duo-Connector Types: M12 Duo-2xM8, M12 Duo-2xM12 Part No. ASB 2-RKMWV/LED A 3-224/1 M ASB 2-RKMWV/LED A 3-224/2 M ASB 2-RKMWV/LED A 3-224/1,5 M Part No. ASB 2-RKT 4-3-224/1 M ASB 2-RKT 4-3-224/1,5 M ASB 2-RKT 4-3-224/2 M ASB 2-RKT 4-3-251/1 M ASB 2-RKT 4-3-251/1,5 M ASB 2-RKT 4-3-251/2 M ASBA 2-RKT 4-3-224/1 M ASBA 2-RKT 4-3-224/1,5 M ASBA 2-RKT 4-3-224/2 M Part No. ASB 2-RKWT 4-3-224/1 M ASB 2-RKWT 4-3-224/2 M ASB 2-RKWT 4-3-224/1,5 M ASB 2-RKWT 4-3-251/1 M ASB 2-RKWT 4-3-251/2 M ASB 2-RKWT 4-3-251/1,5 M Part No. ASB 2-RKWT/LED A 4-3-224/1 M ASB 2-RKWT/LED A 4-3-224/2 M ASB 2-RKWT/LED A 4-3-224/1,5 M |