Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASBSV6-LED5 Fiches technique(PDF) 76 Page - Lumberg

No de pièce ASBSV6-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV6-LED5 Fiches technique(HTML) 76 Page - Lumberg

Back Button ASBSV6-LED5 Datasheet HTML 72Page - Lumberg ASBSV6-LED5 Datasheet HTML 73Page - Lumberg ASBSV6-LED5 Datasheet HTML 74Page - Lumberg ASBSV6-LED5 Datasheet HTML 75Page - Lumberg ASBSV6-LED5 Datasheet HTML 76Page - Lumberg ASBSV6-LED5 Datasheet HTML 77Page - Lumberg ASBSV6-LED5 Datasheet HTML 78Page - Lumberg ASBSV6-LED5 Datasheet HTML 79Page - Lumberg ASBSV6-LED5 Datasheet HTML 80Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
76
7/8”-Round Connectors
Mini 7/8”-Field Attachable Connectors
M23-Round Connectors
M23-Field Attachable Connectors
RSC 301-RSC 501
Part No.
RSC 301/9
RSC 301/11
RSC 301/13.5
RSC 301/16
RSC 401/9
RSC 401/11
RSC 401/13.5
RSC 401/16
RSC 501/9
RSC 501/11
RSC 501/13.5
RSC 501/16
7/8” Field Attachable, Male Straight
Field Attachable Connector, 7/8” Male Straight, 3-,
4- and 5-Poles with Internal Threads, Threaded Joint,
Assembling with Screw Terminals. IP 67 Rated.
Screw Joints for Cables
301/9:
Ø 6,0-8,0 mm
301/11:
Ø 8,0-10,0 mm
301/13.5: Ø 10,0-12,0 mm
301/16:
Ø 12,0-14,0 mm
401/9:
Ø 6,0-8,0 mm
401/11:
Ø 8,0-10,0 mm
401/13.5: Ø 10,0-12,0 mm
401/16:
Ø 12,0-14,0 mm
501/9:
Ø 6,0-8,0 mm
501/11:
Ø 8,0-10,0 mm
501/13.5: Ø 10,0-12,0 mm
501/16:
Ø 12,0-14,0 mm
RSC-F-120/13,5
RSC 190/9
Part No.
RSC-F-120/13,5
Part No.
RSC 190/9
M23 Field Attachable, Male Straight
Field Attachable Connector, M23 Male Straight,
12-Poles with Threaded Joint, external Threads,
Assembling with Solder Connections.
IP 67 Rated.
Screw Joints for Cables
Ø 10,0-14,0 mm
M23 Field Attachable, Male Straight
Field Attachable Connector, M23 Male Straight,
19-Poles with Threaded Joint, Assembling with Solder
Connections, IP 67 Rated.
– Suitable to connect with e2c 67 I/O module
0942 UEM 203 –
Screw Joints for Cables
Ø 6,0-10,0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More