| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSV4-LED5 Fiches technique(PDF) 120 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV4-LED5 Fiches technique(HTML) 120 Page - Lumberg |
|
120 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 120 Profibus Profibus-DP-Devices, 8 IN | 16 IN | 8 OUT FWD 5 FWD 5 FWD 5 FWD 5 FWD 5 0970 PSL 114 0970 PSL 213 0970 PSL 111 0970 PSL 209 0970 PSL 112 Part No. 0970 PSL 114 Part No. 0970 PSL 213 Part No. 0970 PSL 111 Part No. 0970 PSL 209 Part No. 0970 PSL 112 8 IN Profibus-DP-Device with 8 Digital Inputs to Connect Standard Sensors, M12 Sockets, Rotary Switches for Addressing, M12-Bus Connection and M23-Power Supply. 8 IN Profibus-DP-Device with 8 Digital Inputs to Connect Standard Sensors, M12 Sockets, Rotary Switches for Addressing and M23-Bus Connection. 16 IN Profibus-DP-Device with 16 Digital Inputs to Connect Standard Sensors, M12 Sockets, Rotary Switches for Addressing, M12-Bus Connection and M23-Power Supply. 16 IN Profibus-DP-Device with 16 Digital Inputs to Connect Standard Sensors, M12 Sockets, Rotary Switches for Addressing and M23-Bus Connection. 8 OUT Profibus-DP-Device with 8 Digital Outputs to Connect Standard Actuators, M12 Sockets, Rotary Switches for Addressing, M12 Bus Connection and M23-Power Supply. |