Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASBSV4-LED5 Fiches technique(PDF) 44 Page - Lumberg

No de pièce ASBSV4-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV4-LED5 Fiches technique(HTML) 44 Page - Lumberg

Back Button ASBSV4-LED5 Datasheet HTML 40Page - Lumberg ASBSV4-LED5 Datasheet HTML 41Page - Lumberg ASBSV4-LED5 Datasheet HTML 42Page - Lumberg ASBSV4-LED5 Datasheet HTML 43Page - Lumberg ASBSV4-LED5 Datasheet HTML 44Page - Lumberg ASBSV4-LED5 Datasheet HTML 45Page - Lumberg ASBSV4-LED5 Datasheet HTML 46Page - Lumberg ASBSV4-LED5 Datasheet HTML 47Page - Lumberg ASBSV4-LED5 Datasheet HTML 48Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
44
M12-Duo-Male - 2xM8-Female 90˚ (LED)
Actuator-/Sensor-Double Ended, M12-Duo-Male and
two M8-Female 90
˚, 3-Pole with LED Operation
and Function Indicator, Self-Locking Threaded Joint,
IP 67 Rated.
Cable Types:
226
= PUR, halogen-free, black
M12-Duo-Male - 2xM12-Female Straight
Actuator-/Sensor-Double Ended, M12-Duo-Male and
two M12-Female Straight, 3-Pole with Self-Locking
Threaded Joint, IP 67 Rated.
ASB 2-RKT: without AND Logic
ASBA 2-RKT: with AND Logic
Cable Types:
224
= PUR, halogen-free, black
251
= PUR, halogen-free, weld
spark proof, black
M12-Duo-Male - 2xM12-Female 90˚
Actuator-/Sensor-Double Ended, M12-Duo-Male
and two M12-Female 90
˚, 3-Pole with Self-Locking
Threaded Joint, IP 67 Rated.
Cable Types:
224
= PUR, halogen-free, black
251
= PUR, halogen-free, weld
spark proof, black
M12-Duo-Male - 2xM12-Female 90˚ (LED)
Actuator-/Sensor-Double Ended, M12-Duo-Male and
two M12-Female 90
˚, 3-Pole with LED Operation
and Function Indicator, Self-Locking Threaded Joint,
IP 67 Rated.
Cable Types:
224
= PUR, halogen-free, black
ASB 2-RKMWV/LED
ASB 2-RKT | ASBA 2-RKT
ASB 2-RKWT
ASB 2-RKWT/LED
M12 Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes
Duo-Connector Types: M12 Duo-2xM8, M12 Duo-2xM12
Part No.
ASB 2-RKMWV/LED A 3-224/1 M
ASB 2-RKMWV/LED A 3-224/2 M
ASB 2-RKMWV/LED A 3-224/1,5 M
Part No.
ASB 2-RKT 4-3-224/1 M
ASB 2-RKT 4-3-224/1,5 M
ASB 2-RKT 4-3-224/2 M
ASB 2-RKT 4-3-251/1 M
ASB 2-RKT 4-3-251/1,5 M
ASB 2-RKT 4-3-251/2 M
ASBA 2-RKT 4-3-224/1 M
ASBA 2-RKT 4-3-224/1,5 M
ASBA 2-RKT 4-3-224/2 M
Part No.
ASB 2-RKWT 4-3-224/1 M
ASB 2-RKWT 4-3-224/2 M
ASB 2-RKWT 4-3-224/1,5 M
ASB 2-RKWT 4-3-251/1 M
ASB 2-RKWT 4-3-251/2 M
ASB 2-RKWT 4-3-251/1,5 M
Part No.
ASB 2-RKWT/LED A 4-3-224/1 M
ASB 2-RKWT/LED A 4-3-224/2 M
ASB 2-RKWT/LED A 4-3-224/1,5 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More