| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSV4-LED5 Fiches technique(PDF) 72 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV4-LED5 Fiches technique(HTML) 72 Page - Lumberg |
|
72 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 72 M12-Round Connectors In Accordance with IEC 61076-2-101 M12-Field Attachable Connectors RKC/LED RKCW/LED M12 Field Attachable, Female Straight LED Field Attachable Connector, M12 Female Straight 4-Poles with Threaded Joint and LED Operation and Function Indicator, Assembling with Screw Terminals (Printed Circuit Board Included). IP 67 Rated. Screw Joints for Cables 4/7: Ø 3,0-6,5 mm 4/9: Ø 4,0-8,0 mm M12 Field Attachable, Female 90˚ LED Field Attachable Connector, M12 Female 90 ˚ 4-Poles with Threaded Joint and LED Operation and Function Indicator, Assembling with Screw Terminals (Printed Circuit Board Included). IP 67 Rated. Screw Joints for Cables 4/7: Ø 3,0-6,5 mm 4/9: Ø 4,0-8,0 mm Part No. RKC/LED 4/7 RKC/LED 4/9 Part No. RKCW/LED 4/7 RKCW/LED 4/9 RKCQ Part No. RKCQ 4/3/7 RKCQ 4/3/9 RKCQ 4/7 RKCQ 4/9 M12 Field Attachable, Female Straight Field Attachable Connector, M12 Female Straight, 3- and 4-Poles with Threaded Joint, Assembling with Spring-Type Terminals. IP 67 Rated. Screw Joints for Cables 3/7: Ø 3,5-6,5 mm 3/9: Ø 4,0-8,0 mm 4/7: Ø 3,0-6,5 mm 4/9: Ø 4,0-8,0 mm RKCN Part No. RKCN 4/7 RKCN 4/9 RKCN 5/7 RKCN 5/9 RKCN 8/9 M12 Field Attachable, Female Straight Field Attachable Connector, M12 Female Straight, 4- 5- and 8-Poles, Stainless Steel Hexagon Threaded Joint, Assembling with Screw Terminals. IP 67 Rated. Screw Joints for Cables 4/7: Ø 3,0-6,5 mm 4/9: Ø 4,0-8,0 mm 5/7: Ø 3,0-6,5 mm 5/9: Ø 4,0-8,0 mm 8/9: Ø 4,0-8,0 mm – especially designed for use in Food Processing equipment – |