Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASBSV4-LED5 Fiches technique(PDF) 92 Page - Lumberg

No de pièce ASBSV4-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV4-LED5 Fiches technique(HTML) 92 Page - Lumberg

Back Button ASBSV4-LED5 Datasheet HTML 88Page - Lumberg ASBSV4-LED5 Datasheet HTML 89Page - Lumberg ASBSV4-LED5 Datasheet HTML 90Page - Lumberg ASBSV4-LED5 Datasheet HTML 91Page - Lumberg ASBSV4-LED5 Datasheet HTML 92Page - Lumberg ASBSV4-LED5 Datasheet HTML 93Page - Lumberg ASBSV4-LED5 Datasheet HTML 94Page - Lumberg ASBSV4-LED5 Datasheet HTML 95Page - Lumberg ASBSV4-LED5 Datasheet HTML 96Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
92
LioN-Link
BusHeads, I/O Modules
0940 DSL 601 | 0940 PSL 60.. | 0940 ESL 601 | 0940 CSL 601
0942 UEM 650
0942 UEM 651
Part No.
0940 DSL 601
0940 PSL 601
0940 PSL 602
0940 PSL 603
0940 ESL 601
0940 CSL 601
Part No.
0942 UEM 650
Part No.
0942 UEM 651
LioN-Link BusHeads
LioN-Link-BusHead IP 67 Bus Coupler Modules for
the Connection Between the Higher Level Fieldbus
and the Fieldbus Independent I/O Modules, with
M12 Bus Connection, Rotary Switches for Addressing
and M12 LioN-Link Connection. M12 Power Supply
Connection.
0940 DSL 601:
DeviceNet Slave
0940 PSL 601:
Profibus Slave
0940 PSL 602 (DP V1): Profibus-Slave, Supports
Profibus DP-V1
0940 PSL 603:
Profibus-Slave, for
Applications Such as Tool
Change or Options Handling
with LioN-Link I/O Module
0942 UEM 670
0940 ESL 601:
Profinet-I/O Device Slave
(Profinet LAN)
0940 CSL 601:
CANopen®-Slave
8 IN/8 OUT Universal
LioN-Link I/O Module with 8 Digital I/O Channels.
Channels can be Used Universally as Inputs or
Outputs, M8 Sockets (8x), 3-Poles, M12 Actuator
Supply.
8 IN
LioN-Link I/O Module with 8 Digital Inputs to Connect
Standard Sensors, M8 Sockets (8x), 3-Poles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More