| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSV4-LED5 Fiches technique(PDF) 76 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV4-LED5 Fiches technique(HTML) 76 Page - Lumberg |
|
76 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 76 7/8”-Round Connectors Mini 7/8”-Field Attachable Connectors M23-Round Connectors M23-Field Attachable Connectors RSC 301-RSC 501 Part No. RSC 301/9 RSC 301/11 RSC 301/13.5 RSC 301/16 RSC 401/9 RSC 401/11 RSC 401/13.5 RSC 401/16 RSC 501/9 RSC 501/11 RSC 501/13.5 RSC 501/16 7/8” Field Attachable, Male Straight Field Attachable Connector, 7/8” Male Straight, 3-, 4- and 5-Poles with Internal Threads, Threaded Joint, Assembling with Screw Terminals. IP 67 Rated. Screw Joints for Cables 301/9: Ø 6,0-8,0 mm 301/11: Ø 8,0-10,0 mm 301/13.5: Ø 10,0-12,0 mm 301/16: Ø 12,0-14,0 mm 401/9: Ø 6,0-8,0 mm 401/11: Ø 8,0-10,0 mm 401/13.5: Ø 10,0-12,0 mm 401/16: Ø 12,0-14,0 mm 501/9: Ø 6,0-8,0 mm 501/11: Ø 8,0-10,0 mm 501/13.5: Ø 10,0-12,0 mm 501/16: Ø 12,0-14,0 mm RSC-F-120/13,5 RSC 190/9 Part No. RSC-F-120/13,5 Part No. RSC 190/9 M23 Field Attachable, Male Straight Field Attachable Connector, M23 Male Straight, 12-Poles with Threaded Joint, external Threads, Assembling with Solder Connections. IP 67 Rated. Screw Joints for Cables Ø 10,0-14,0 mm M23 Field Attachable, Male Straight Field Attachable Connector, M23 Male Straight, 19-Poles with Threaded Joint, Assembling with Solder Connections, IP 67 Rated. – Suitable to connect with e2c 67 I/O module 0942 UEM 203 – Screw Joints for Cables Ø 6,0-10,0 mm |