Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASBSV4-LED5 Fiches technique(PDF) 119 Page - Lumberg

No de pièce ASBSV4-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV4-LED5 Fiches technique(HTML) 119 Page - Lumberg

Back Button ASBSV4-LED5 Datasheet HTML 115Page - Lumberg ASBSV4-LED5 Datasheet HTML 116Page - Lumberg ASBSV4-LED5 Datasheet HTML 117Page - Lumberg ASBSV4-LED5 Datasheet HTML 118Page - Lumberg ASBSV4-LED5 Datasheet HTML 119Page - Lumberg ASBSV4-LED5 Datasheet HTML 120Page - Lumberg ASBSV4-LED5 Datasheet HTML 121Page - Lumberg ASBSV4-LED5 Datasheet HTML 122Page - Lumberg ASBSV4-LED5 Datasheet HTML 123Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
119
Profibus
Profibus-DP-Devices, 8 IN/8 OUT | 8 IN | 16 IN/16 OUT | 16 IN
FWD 5
0970 PSL 650
0970 PSL 651
0970 PSL 700
0970 PSL 701
Part No.
0970 PSL 650
Part No.
0970 PSL 651
Part No.
0970 PSL 700
Part No.
0970 PSL 701
8 IN/8 OUT Universal
Profibus-DP-Device with 8 Digital I/O Channels.
Channels can be used Universally as Inputs or
Outputs, M8 Socket, 3-poles, Rotary Switches for
Addressing, M12 Bus Connection and M12 Power
Supply.
8 IN
Profibus-DP-Device with 8 Digital Inputs to Connect
Standard Sensors, M8 Socket, 3-poles, Rotary
Switches for Addressing, M12 Bus Connection, M12
Power Supply.
16 IN/16 OUT Universal
Profibus-DP-Device with 16 Digital I/O Channels.
Channels can be used Universally as Inputs or
Outputs, M12 Socket, Rotary Switches for Addressing,
M12 Bus Connection, 7/8” Power Supply.
16 IN
Profibus-DP-Device with 16 Digital Inputs to Connect
Standard Sensors, M12 Socket, Rotary Address
Switches for Addressing, M12 Bus Connection, 7/8”
Power Supply.
Profibus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More