| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSM4-LED3 Fiches technique(PDF) 148 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSM4-LED3 Fiches technique(HTML) 148 Page - Lumberg |
|
148 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 148 References Glossary of Terms W W (Watt or Wattage) A unit of measure for electrical power. Watt (W) The unit of measure for electrical power. Wicking Capillary absorption of a liquid along the fibers of the base material. Withdrawal Force The force required to separate two mated contacts or group of contacts. X X The alpha symbol for Reactance – opposition to alternating electric current flow caused by inductance and capacitance in a circuit. XLR A multi pin audio connector (typically 3 pins) used in a microphone, line level and snake cable connections. Y Z |