| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSM4-LED3 Fiches technique(PDF) 68 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSM4-LED3 Fiches technique(HTML) 68 Page - Lumberg |
|
68 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 68 M8-Round Connectors In Accordance with IEC 61076-2-104 M8-Field Attachable Connectors RSMC RSMCW Part No. RSMC 3 RSMC 4 Part No. RSMCW 3 RSMCW 4 M8 Field Attachable, Male Straight Field Attachable Connector, M8 Male Straight, 3- and 4-Poles with Threaded Joint, Assembling with Solder Connections. IP 67 Rated. Screw Joints for Cables 3-Pole: Ø 3,5-5,0 mm 4-Pole: Ø 3,5-5,0 mm M8 Field Attachable, Male 90˚ Field Attachable Connector, M8 Male 90 ˚, 3- and 4-Poles with Threaded Joint, Assembling with Solder Connections. IP 67 Rated. Screw Joints for Cables 3-Pole: Ø 3,5-5,0 mm 4-Pole: Ø 3,5-5,0 mm RSMCK RKMC RKMCW Part No. RSMCK 3 RSMCK 4 Part No. RKMC 3 RKMC 4 Part No. RKMCW 3 RKMCW 4 M8-Field Attachable, Male Straight Field Attachable Connector, M8 Male Straight, 3- and 4-Poles with Threaded Joint, Assembling with Screw Terminals. IP 67 Rated. Screw Joints for Cables 3-Pole: Ø 3,5-5,0 mm 4-Pole: Ø 3,5-5,0 mm M8 Field Attachable, Female Straight Field Attachable Connector, M8 Female Straight, 3- and 4-Poles with Threaded Joint, Assembling with Solder Connections. IP 67 Rated. Screw Joints for Cables 3-Pole: Ø 3,5-5,0 mm 4-Pole: Ø 3,5-5,0 mm M8 Field Attachable, Female 90˚ Field Attachable Connector, M8 Female 90 ˚, 3- and 4-Poles with Threaded Joint, Assembling with Solder Connections. IP 67 Rated. Screw Joints for Cables 3-Pole: Ø 3,5-5,0 mm 4-Pole: Ø 3,5-5,0 mm |