Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASBSM4-LED3 Fiches technique(PDF) 58 Page - Lumberg

No de pièce ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Fiches technique(HTML) 58 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 54Page - Lumberg ASBSM4-LED3 Datasheet HTML 55Page - Lumberg ASBSM4-LED3 Datasheet HTML 56Page - Lumberg ASBSM4-LED3 Datasheet HTML 57Page - Lumberg ASBSM4-LED3 Datasheet HTML 58Page - Lumberg ASBSM4-LED3 Datasheet HTML 59Page - Lumberg ASBSM4-LED3 Datasheet HTML 60Page - Lumberg ASBSM4-LED3 Datasheet HTML 61Page - Lumberg ASBSM4-LED3 Datasheet HTML 62Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
58
Receptacle Connector, M12 Male, 5-Poles, B-Coding,
For Front Mounting, Print Contacts, Chassis Side
Thread PG 9.
– especially suitable for Profibus –
Receptacle Connector, M8 Male, 3- and 4-Pole for
Sensors with Snap-In Joint, Translucent Ring, Short
Solder Contacts, Hollow Contacts (RSMEJ) or Solid
Contacts (RSMEH) on Solder Side.
Receptacle Connector, M8 Male, 3- and 4-Pole for
Sensors with Combined Snap-In/Threaded Joint,
Light Indicator Windows, Mounting Hole for LED,
Short Solder Contacts, Hollow Contacts (RSMED) or
Solid Contacts (RSMEB) on Solder Side.
Receptacle Connector, M8 Male, 8-Pole for Sensors
with Combined Snap-In/Threaded Joint, 4 Light
Indicator Windows, Mounting Hole for LED, Short
Solder Contacts, Hollow Contacts on Solder Side.
Receptacle Connector, M8 Male, 3- and 4-Pole for
Sensors with Stainless Steel Housing, Threaded Joint,
4 Light Indicator Windows, Mounting Hole for LED,
Short Solder Contacts, Hollow Contacts on Solder
Side.
RSHL.../S 5,5
0976 PMC 152
RSEMJ | RSMEH
RSMED | RSMEB
RSMEDG
RSMEDGN
Part No.
RSHL 4/ S 5,5
RSHL 5/ S 5,5
RSHL 5B/S 5,5
RSHL 8/ S 5,5
Part No.
0976 PMC 152
Part No.
RSMEJ 3
RSMEH 3
RSMEH 4
Part No.
RSMED 3
RSMED 4
RSMEB 3
RSMEB 4
Part No.
RSMEDG 8
Part No.
RSMEDGN
Receptacle Connector, M12 Male, 4-, 5- and 8-Pole
for Rear Mounting, Print Contacts, Chassis Side
Thread PG 9 (Panel Nut RSKF 9).
Receptacle Connectors In Accordance With IEC 61076-2-104
M8-Receptacles
Receptacle Connectors In Accordance With IEC 61076-2-101
M12-Receptacles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More