Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASBSM4-LED3 Fiches technique(PDF) 88 Page - Lumberg

No de pièce ASBSM4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSM4-LED3 Fiches technique(HTML) 88 Page - Lumberg

Back Button ASBSM4-LED3 Datasheet HTML 84Page - Lumberg ASBSM4-LED3 Datasheet HTML 85Page - Lumberg ASBSM4-LED3 Datasheet HTML 86Page - Lumberg ASBSM4-LED3 Datasheet HTML 87Page - Lumberg ASBSM4-LED3 Datasheet HTML 88Page - Lumberg ASBSM4-LED3 Datasheet HTML 89Page - Lumberg ASBSM4-LED3 Datasheet HTML 90Page - Lumberg ASBSM4-LED3 Datasheet HTML 91Page - Lumberg ASBSM4-LED3 Datasheet HTML 92Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
88
e2c 67
Backplanes, PlugBoxes, BusHeads
0941 UNC...
0941 DNC...
0941 PNC...
0941 INC 201
0940 DSL 001 | 0940 PSL 001 | 0940 ISL 001
Part No.
0941 UNC 010
0941 UNC 020
0941 UNC 030
Part No.
0941 DNC 101
0941 DNC 301
Part No.
0941 PNC 101
0941 PNC 103
0941 PNC 201
Part No.
0941 INC 201
Part No.
0940 DSL 001
0940 PSL 001
0940 ISL 001
Backplanes
e2c 67 Backplane Bus Connections for 4-, 6 and
8-Port I/O Modules
PlugBox-DeviceNet
0941 DNC 101: M12, 5-Pole Male (In) and Female
(Out) Bus Connection with 7/8”, 4-Pole Male for
Auxillary Power.
0941 DNC 301: 7/8”, 5-Pole Male (In) and Female
(Out) Bus Connection with 7/8”, 4-Pole Male for
Auxillary Power.
PlugBox-Profibus
0941 PNC 101: M12, 5-Pole Male (In) and Female
(Out) Bus Connection with 7/8”, 5-Pole Male for
Auxillary Power.
0941 PNC 103: M12, 5-Pole Male (In) and Female
(Out) Bus Connection with M23, 6-Pole Male for
Auxillary Power.
0941 PNC 201: M23, 12-Pole Female (In) and Female
(Out) Bus Connection with M23, 6-Pole Male for
Auxillary Power.
PlugBox-Interbus
e2c 67 PlugBox for Interbus, M23, 9-Pole Male (In)
and Female (Out) Bus Connection with M23, 6-Pole
Male for Auxillary Power.
BusHead
0940 DSL 001: DeviceNet-Slave
0940 PSL 001: Profibus-Slave
0940 ISL 001:
Interbus-Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More