| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSM4-LED3 Fiches technique(PDF) 36 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSM4-LED3 Fiches technique(HTML) 36 Page - Lumberg |
|
36 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 36 M8-Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes Connector Types: M12-M8 and M12-M12 M12 Male Straight – M8 Female 90˚ (LED) M12 Cordsets, Double Ended, M12 Male Straight to M8 Female 90˚ with LED, Threaded Connector 3-Poles and Molded Cable. IP 67 Rated. Cable Types: 224 = PUR, halogen-free, black RST-RKMWV/LED Part No. RST 3-RKMWV/ LED A 3-224/0,3 M RST 3-RKMWV/LED A 3-224/0,6 M RST 3-RKMWV/LED A 3-224/1 M RST 3-RKMWV/LED A 3-224/1,5 M RST 3-RKMWV/LED A 3-224/2 M RST 3-RKMWV/LED A 3-224/5 M M12 Male Straight – M12 Female Straight M12 Cordsets, Double Ended, Male Straight to Female Straight with Threaded Connector 3-, 4-, 5- and 8-Poles with Molded Cable. IP 67 Rated. 8-6 poles: Used with Sensor/Actuator Distribution Box, Type: SBS Cable Types: 224 | 225 | 228 | 282 | 337 = PUR, halogen-free, black 251 | 259 | 268 = PUR, halogen-free, weld spark proof, orange 627 = PVC, black RST-RKT Part No. RST 3-RKT 4-3-224/0,3 M RST 8-RKT 8-627/0,3 M RST 3-RKT 4-3-224/0,6 M RST 8-RKT 8-627/0,6 M RST 3-RKT 4-3-224/1 M RST 8-RKT 8-627/1 M RST 3-RKT 4-3-224/1,5 M RST 8-RKT 8-627/2 M RST 3-RKT 4-3-224/2 M RST 8-RKT 8-627/5 M RST 3-RKT 4-3-224/5 M RST 4-RKT 4-225/0,3 M RST 4-RKT 4-225/0,6 M RST 4-RKT 4-225/1 M RST 4-RKT 4-225/1,5 M RST 4-RKT 4-225/2 M RST 4-RKT 4-225/5 M RST 4-RKT 4-251/0,3 M RST 4-RKT 4-251/0,6 M RST 4-RKT 4-251/1 M RST 4-RKT 4-251/1,5 M RST 4-RKT 4-251/2 M RST 4-RKT 4-251/5 M RST 5-RKT 5-228/0,3 M RST 5-RKT 5-228/0,6 M RST 5-RKT 5-228/1 M RST 5-RKT 5-228/1,5 M RST 5-RKT 5-228/2 M RST 5-RKT 5-228/5 M RST 5-RKT 5-259/0,3 M RST 5-RKT 5-259/0,6 M RST 5-RKT 5-259/1 M RST 5-RKT 5-259/1,5 M RST 5-RKT 5-259/2 M RST 5-RKT 5-259/5 M RST 8-RKT 8-6-268/2 M RST 8-RKT 8-6-268/5 M RST 8-RKT 8-6-268/10 M RST 8-RKT 8-6-337/2 M RST 8-RKT 8-6-337/5 M RST 8-RKT 8-6-337/10 M RST 8-RKT 8-282/0,3 M RST 8-RKT 8-282/0,6 M RST 8-RKT 8-282/1 M RST 8-RKT 8-282/1,5 M RST 8-RKT 8-282/2 M RST 8-RKT 8-282/5 M |