| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSM4-LED3 Fiches technique(PDF) 13 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSM4-LED3 Fiches technique(HTML) 13 Page - Lumberg |
|
13 / 178 page ![]() www.lumberg-automationusa.com 1-717-217-2299 13 Actuator/Sensor Distribution Boxes M12 Distribution Boxes M12-Distribution Box Actuator-/Sensor-Distribution Box with LED (PnP) to Connect 4 Standard-Sensors and 4-Standard Actuators with Separate Power Supply for Inputs and Outputs, Top Entry, 8-Ports, M12 Sockets, 4-Poles, 1 Signal per Port. IP 67 Rated. M12-Distribution Box Actuator-/Sensor-Distribution Box, Top Entry, 6- and 8-Ports, M12 Sockets, 4-Poles, 1 Signal per Port, with On-Board M23 Quick Disconnect. IP 67 Rated. M12-Distribution Box Actuator-/Sensor-Distribution with LED (PnP), Top Entry, 4-, 6- and 8-Ports, M12 Sockets, 4-Poles, 1 Signal per Port, with On-Board M23 Quick Disconnect. IP 67 Rated. Part No. ASBS 8/LED 5-4/4E-4A Part No. ASBS 6 5-4 ASBS 8 5-4 Part No. ASBS 4 / LED 5-4 ASBS 6 / LED 5-4 ASBS 8 / LED 5-4 ASBS 8/LED 5-4/4E4A ASBS ASBS.../LED M12-Distribution Box Actuator-Distribution Box, Top Entry, 4- and 8-Ports, M12 Sockets, 3-Poles, 2 Signal per Port for Dual Solenoids with Integrated Mini Quick Disconnect Home Run Connector. IP 67 Rated. Cable Type: 138 | 139 PUR, black Part No. ASBV 4 4-3-138/RS120M ASBV 8 4-3-139/RS190M ASBV Distribution Boxes |