Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI7C8150BMA-33 Fiches technique(PDF) 31 Page - Pericom Semiconductor Corporation

No de pièce PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Fiches technique(HTML) 31 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 35Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 31 of 107
April 2015 – Revision 2.1
3.7.1
TYPE 0 ACCESS TO PI7C8150B
The configuration space is accessed by a Type 0 configuration transaction on the primary
interface. The configuration space cannot be accessed from the secondary bus. The
PI7C8150B responds to a Type 0 configuration transaction by asserting P_DEVSEL_L
when the following conditions are met during the address phase:
The bus command is a configuration read or configuration write transaction.
Lowest two address bits P_AD[1:0] must be 00b.
Signal P_IDSEL must be asserted.
PI7C8150B limits all configuration access to a single DWORD data transfer and returns
target-disconnect with the first data transfer if additional data phases are requested.
Because read transactions to configuration space do not have side effects, all bytes in the
requested DWORD are returned, regardless of the value of the byte enable bits.
Type 0 configuration write and read transactions do not use data buffers; that is, these
transactions are completed immediately, regardless of the state of the data buffers. The
PI7C8150B ignores all Type 0 transactions initiated on the secondary interface.
3.7.2
TYPE 1 TO TYPE 0 CONVERSION
Type 1 configuration transactions are used specifically for device configuration in a
hierarchical PCI bus system. A PCI-to-PCI bridge is the only type of device that should
respond to a Type 1 configuration command. Type 1 configuration commands are used
when the configuration access is intended for a PCI device that resides on a PCI bus other
than the one where the Type 1 transaction is generated.
PI7C8150B performs a Type 1 to Type 0 translation when the Type 1 transaction is
generated on the primary bus and is intended for a device attached directly to the secondary
bus. PI7C8150B must convert the configuration command to a Type 0 format so that the
secondary bus device can respond to it. Type 1 to Type 0 translations are performed only in
the downstream direction; that is, PI7C8150B generates a Type 0 transaction only on the
secondary bus, and never on the primary bus.
PI7C8150B responds to a Type 1 configuration transaction and translates it into a Type 0
transaction on the secondary bus when the following conditions are met during the address
phase:
The lowest two address bits on P_AD[1:0] are 01b.
The bus number in address field P_AD[23:16] is equal to the value in the secondary
bus number register in configuration space.
The bus command on P_CBE[3:0] is a configuration read or configuration write
transaction.
When PI7C8150B translates the Type 1 transaction to a Type 0 transaction on the
secondary interface, it performs the following translations to the address:
Sets the lowest two address bits on S_AD[1:0].
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More