Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI7C8150BMA-33 Fiches technique(PDF) 23 Page - Pericom Semiconductor Corporation

No de pièce PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Fiches technique(HTML) 23 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 27Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 23 of 107
April 2015 – Revision 2.1
3.2
SINGLE ADDRESS PHASE
A 32-bit address uses a single address phase. This address is driven on P_AD[31:0], and
the bus command is driven on P_CBE[3:0]. PI7C8150B supports the linear increment
address mode only, which is indicated when the lowest two address bits are equal to zero.
If either of the lowest two address bits is nonzero, PI7C8150B automatically disconnects
the transaction after the first data transfer.
3.3
DEVICE SELECT (DEVSEL_L) GENERATION
PI7C8150B always performs positive address decoding (medium decode) when accepting
transactions on either the primary or secondary buses. PI7C8150B never does subtractive
decode.
3.4
DATA PHASE
The address phase of a PCI transaction is followed by one or more data phases. A data
phase is completed when IRDY_L and either TRDY_L or STOP_L are asserted. A
transfer of data occurs only when both IRDY_L and TRDY_L are asserted during the same
PCI clock cycle. The last data phase of a transaction is indicated when FRAME_L is de-
asserted and both TRDY_L and IRDY_L are asserted, or when IRDY_L and STOP_L are
asserted. See Section 3.8 for further discussion of transaction termination.
Depending on the command type, PI7C8150B can support multiple data phase PCI
transactions. For detailed descriptions of how PI7C8150B imposes disconnect boundaries,
see Section 3.5.4 for write address boundaries and Section 3.6.3 read address boundaries.
3.5
WRITE TRANSACTIONS
Write transactions are treated as either posted write or delayed write transactions. Table
3-2 shows the method of forwarding used for each type of write operation.
Table 3-2. Write Transaction Forwarding
Type of Transaction
Type of Forwarding
Memory Write
Posted (except VGA memory)
Memory Write and Invalidate
Posted
Memory Write to VGA memory
Delayed
I/O Write
Delayed
Type 1 Configuration Write
Delayed
3.5.1
MEMORY WRITE TRANSACTIONS
Posted write forwarding is used for “Memory Write” and “Memory Write and Invalidate”
transactions.
When PI7C8150B determines that a memory write transaction is to be forwarded across the
bridge, PI7C8150B asserts DEVSEL_L with medium timing and TRDY_L in the next
cycle, provided that enough buffer space is available in the posted memory write queue for
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More