Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI7C8150BMA-33 Fiches technique(PDF) 36 Page - Pericom Semiconductor Corporation

No de pièce PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Fiches technique(HTML) 36 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 40Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 36 of 107
April 2015 – Revision 2.1
PI7C8150B asserts P_SERR_L if the master-abort-on-posted-write is not set. The master-
abort-on-posted-write bit is bit 4 of the P_SERR_L event disable register (offset 64h).
Note: When PI7C8150B performs a Type 1 to special cycle conversion, a master abort is
the expected termination for the special cycle on the target bus. In this case, the master
abort received bit is not set, and the Type 1 configuration transaction is disconnected after
the first data phase.
3.8.3
TARGET TERMINATION RECEIVED BY PI7C8150B
When PI7C8150B initiates a transaction on the target bus and the target responds with
DEVSEL_L, the target can end the transaction with one of the following types of
termination:
Normal termination (upon de-assertion of FRAME_L)
Target retry
Target disconnect
Target abort
PI7C8150B handles these terminations in different ways, depending on the type of
transaction being performed.
3.8.3.1
DELAYED WRITE TARGET TERMINATION RESPONSE
When PI7C8150B initiates a delayed write transaction, the type of target termination
received from the target can be passed back to the initiator. Table 3-7 shows the response
to each type of target termination that occurs during a delayed write transaction.
PI7C8150B repeats a delayed write transaction until one of the following conditions is met:
PI7C8150B completes at least one data transfer.
PI7C8150B receives a master abort.
PI7C8150B receives a target abort.
PI7C8150B makes 2
24 (default) or 232 (maximum) write attempts resulting in a response of
target retry.
Table 3-7. Delayed Write Target Termination Response
Target Termination
Response
Normal
Returning disconnect to initiator with first data transfer only if multiple data
phases requested.
Target Retry
Returning target retry to initiator. Continue write attempts to target
Target Disconnect
Returning disconnect to initiator with first data transfer only if multiple data
phases requested.
Target Abort
Returning target abort to initiator. Set received target abort bit in target interface
status register. Set signaled target abort bit in initiator interface status register.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More