| Moteur de recherche de fiches techniques de composants électroniques |
|
PI7C8150BMA-33 Fiches technique(PDF) 47 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C8150BMA-33 Fiches technique(HTML) 47 Page - Pericom Semiconductor Corporation |
|
47 / 107 page ![]() PI7C8150B ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE Page 47 of 107 April 2015 – Revision 2.1 5.1 TRANSACTIONS GOVERNED BY ORDERING RULES Ordering relationships are established for the following classes of transactions crossing PI7C8150B: Posted write transactions, comprised of memory write and memory write and invalidate transactions. Posted write transactions complete at the source before they complete at the destination; that is, data is written into intermediate data buffers before it reaches the target. Delayed write request transactions, comprised of I/O write and configuration write transactions. Delayed write requests are terminated by target retry on the initiator bus and are queued in the delayed transaction queue. A delayed write transaction must complete on the target bus before it completes on the initiator bus. Delayed write completion transactions, comprised of I/O write and configuration write transactions. Delayed write completion transactions complete on the target bus, and the target response is queued in the buffers. A delayed write completion transaction proceeds in the direction opposite that of the original delayed write request; that is, a delayed write completion transaction proceeds from the target bus to the initiator bus. Delayed read request transactions, comprised of all memory read, I/O read, and configuration read transactions. Delayed read requests are terminated by target retry on the initiator bus and are queued in the delayed transaction queue. Delayed read completion transactions, comprised of all memory read, I/O read, & configuration read transactions. Delayed read completion transactions complete on the target bus, and the read data is queued in the read data buffers. A delayed read completion transaction proceeds in the direction opposite that of the original delayed read request; that is, a delayed read completion transaction proceeds from the target bus to the initiator bus. PI7C8150B does not combine or merge write transactions: PI7C8150B does not combine separate write transactions into a single write transaction—this optimization is best implemented in the originating master. PI7C8150B does not merge bytes on separate masked write transactions to the same DWORD address—this optimization is also best implemented in the originating master. PI7C8150B does not collapse sequential write transactions to the same address into a single write transaction—the PCI Local Bus Specification does not permit this combining of transactions. 5.2 GENERAL ORDERING GUIDELINES Independent transactions on primary and secondary buses have a relationship only when those transactions cross PI7C8150B. The following general ordering guidelines govern transactions crossing PI7C8150B: 15-0048 |