Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI7C8150BMA-33 Fiches technique(PDF) 29 Page - Pericom Semiconductor Corporation

No de pièce PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Fiches technique(HTML) 29 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 33Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 29 of 107
April 2015 – Revision 2.1
3.6.5
DELAYED READ COMPLETION WITH TARGET
When delayed read request reaches the head of the delayed transaction queue, PI7C8150B
arbitrates for the target bus and initiates the read transaction only if all previously queued
posted write transactions have been delivered. PI7C8150B uses the exact read address and
read command captured from the initiator during the initial delayed read request to initiate
the read transaction. If the read transaction is a non-prefetchable read, PI7C8150B drives
the captured byte enable bits during the next cycle. If the transaction is a prefetchable read
transaction, it drives all byte enable bits to zero for all data phases. If PI7C8150B receives
a target retry in response to the read transaction on the target bus, it continues to repeat the
read transaction until at least one data transfer is completed, or until an error condition is
encountered. If the transaction is terminated via normal master termination or target
disconnect after at least one data transfer has been completed, PI7C8150B does not initiate
any further attempts to read more data.
If PI7C8150B is unable to obtain read data from the target after 2
24 (default) or 232
(maximum) attempts, PI7C8150B will report system error. The number of attempts is
programmable. PI7C8150B also asserts P_SERR_L if the primary SERR_L enable bit is
set in the command register. See Section 6.4 for information on the assertion of P_SERR_L.
Once PI7C8150B receives DEVSEL_L and TRDY_L from the target, it transfers the data
read to the opposite direction read data queue, pointing toward the opposite inter-face,
before terminating the transaction. For example, read data in response to a downstream
read transaction initiated on the primary bus is placed in the upstream read data queue. The
PI7C8150B can accept one DWORD of read data each PCI clock cycle; that is, no master
wait states are inserted. The number of DWORD’s transferred during a delayed read
transaction depends on the conditions given in Table 3-4 (assuming no disconnect is
received from the target).
3.6.6
DELAYED READ COMPLETION ON INITIATOR BUS
When the transaction has been completed on the target bus, and the delayed read data is at
the head of the read data queue, and all ordering constraints with posted write transactions
have been satisfied, the PI7C8150B transfers the data to the initiator when the initiator
repeats the transaction. For memory read transactions, PI7C8150B aliases the memory read,
memory read line, and memory read multiple bus commands when matching the bus
command of the transaction to the bus command in the delayed transaction queue.
PI7C8150B returns a target disconnect along with the transfer of the last DWORD of read
data to the initiator. If PI7C8150B initiator terminates the transaction before all read data
has been transferred, the remaining read data left in data buffers is discarded.
When the master repeats the transaction and starts transferring prefetchable read data from
data buffers while the read transaction on the target bus is still in progress and before a read
boundary is reached on the target bus, the read transaction starts operating in flow-through
mode. Because data is flowing through the data buffers from the target to the initiator, long
read bursts can then be sustained. In this case, the read transaction is allowed to continue
until the initiator terminates the transaction, or until an aligned 4KB address boundary is
reached, or until the buffer fills, whichever comes first. When the buffer empties,
PI7C8150B reflects the stalled condition to the initiator by disconnecting the initiator with
data. The initiator may retry the transaction later if data are needed. If the initiator does not
need any more data, the initiator will not continue the disconnected transaction. In this case,
PI7C8150B will start the master timeout timer. The remaining read data will be discarded
after the master timeout timer expires. To provide better latency, if there are any other
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More