Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIO1007 Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Fiches technique(HTML) 20 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 16Page - Microchip Technology SIO1007 Datasheet HTML 17Page - Microchip Technology SIO1007 Datasheet HTML 18Page - Microchip Technology SIO1007 Datasheet HTML 19Page - Microchip Technology SIO1007 Datasheet HTML 20Page - Microchip Technology SIO1007 Datasheet HTML 21Page - Microchip Technology SIO1007 Datasheet HTML 22Page - Microchip Technology SIO1007 Datasheet HTML 23Page - Microchip Technology SIO1007 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 108 page
background image
SIO1007
DS00002020A-page 20
 2005 - 2015 Microchip Technology Inc.
DCLK_33– D1
When DCLK_33 bit is asserted ‘1’, the bi-directional switch for the dedicated docking PCICLK will be switched on and
the DLPC_CLK_33 pin will be connected to the LPC_CLK_33 pin. When DCLK_33 bit is deasserted ‘0’, the DLPC_-
CLK_33 pin will be disconnected from the LPC_CLK_33 pin and the DLPC_CLK_33 pin will be an open circuit.
DCLK_14– D2
When DCLK_14 bit is asserted ‘1’, the buffer is enabled and the DSIO_14M pin will provide a buffered version
DSIO_14M pin. When DCLK_14 bit is deasserted ‘0’, the DSIO_14M pin will be tri-stated.
Note:
The PCICLK signals are not bi-directional however, the switch only provides a low series impedance
(
10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More