Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIO1007 Fiches technique(PDF) 46 Page - Microchip Technology

No de pièce SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Fiches technique(HTML) 46 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 42Page - Microchip Technology SIO1007 Datasheet HTML 43Page - Microchip Technology SIO1007 Datasheet HTML 44Page - Microchip Technology SIO1007 Datasheet HTML 45Page - Microchip Technology SIO1007 Datasheet HTML 46Page - Microchip Technology SIO1007 Datasheet HTML 47Page - Microchip Technology SIO1007 Datasheet HTML 48Page - Microchip Technology SIO1007 Datasheet HTML 49Page - Microchip Technology SIO1007 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
SIO1007
DS00002020A-page 46
 2005 - 2015 Microchip Technology Inc.
Note 1: The signal “ANY IRQ CHANGE/DRQ ASSERTION” is the same as “CHANGE/ASSERTION” in Table 13-1.
2: The SIO1007 continually monitors the state of nCLKRUN to maintain the PCI Clock until an active “ANY IRQ
CHANGE/DRQ ASSERTION” condition has been transferred to the host in a SER_IRQ/DMA cycle. For
example, if “ANY IRQ CHANGE/DRQ ASSERTION” is asserted before nCLKRUN is de-asserted (not
shown in Figure 13-2), the SIO1007 must assert nCLKRUN as needed until the SER_IRQ/DMA cycle has
completed.
FIGURE 13-1:
NCLKRUN SYSTEM IMPLEMENTATION EXAMPLE
FIGURE 13-2:
CLOCK START ILLUSTRATION
PCI CLOCK
GENERATOR
(Central Resource)
MASTER
TARGET
SIO
nCLKRUN
PCI_CLK
PCI_CLK
CLKRUN#
SIRQ_CLKRUN_EN
ANY IRQ CHANGE/
DRQ ASSERTION
1,2
CLKRUN#
DRIVEN BY
SIO
SIO
STOPS
DRIVING
CLKRUN#
2 CLKS MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More