| Moteur de recherche de fiches techniques de composants électroniques |
|
SIO1007 Fiches technique(PDF) 99 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SIO1007 Fiches technique(HTML) 99 Page - Microchip Technology |
|
99 / 108 page ![]() 2005 - 2015 Microchip Technology Inc. DS00002020A-page 99 SIO1007 Note 20-2 tBR is 1/Baud Rate. The Baud Rate is programmed through the divisor latch registers. Baud Rates have percentage errors indicated in the “Baud Rate” table in the “Serial Port” section. FIGURE 20-17: SERIAL PORT DATA Name Description MIN TYP MAX Units t1 Serial Port Data Bit Time tBR (Note 2 0-2) nsec |