| Moteur de recherche de fiches techniques de composants électroniques |
|
SIO1007 Fiches technique(PDF) 98 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SIO1007 Fiches technique(HTML) 98 Page - Microchip Technology |
|
98 / 108 page ![]() SIO1007 DS00002020A-page 98 2005 - 2015 Microchip Technology Inc. FIGURE 20-15: AMPLITUDE SHIFT KEYED IR TRANSMIT TIMING FIGURE 20-16: SETUP AND HOLD TIME Name Description MIN TYP MAX Units t1 SER_IRQ Setup Time to PCI_CLK Rising 7 nsec t2 SER_IRQ Hold Time to PCI_CLK Rising 0 nsec t1 t2 t3 t4 t5 t6 Pa ramet er min t yp max un its 0.8 0.8 0.8 0.8 1.2 1.2 1.2 1.2 µs µs µs µs µs µs M odu lated Out put Bit T ime Off Bit T ime M odu lated Outp ut " On" M odu lated Outp ut " Off" M odu lated Outp ut " On" M odu lated Outp ut " Off" 1 1 1 1 Note s: 1 . IRT X: L5 , CRF 1 Bit 1 = 1 (def ault) nI RTX: L 5, CRF1 Bit 1 = 0 MIRTX, nM IRTXa re the mod ulate d ou tpu ts t1 t2 t3 t4 t5 t6 01 0 1 0 0 1 1 0 1 1 DAT A IRT X n IRT X MIRT X nMIRT X |