Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIO1007 Fiches technique(PDF) 44 Page - Microchip Technology

No de pièce SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Fiches technique(HTML) 44 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 40Page - Microchip Technology SIO1007 Datasheet HTML 41Page - Microchip Technology SIO1007 Datasheet HTML 42Page - Microchip Technology SIO1007 Datasheet HTML 43Page - Microchip Technology SIO1007 Datasheet HTML 44Page - Microchip Technology SIO1007 Datasheet HTML 45Page - Microchip Technology SIO1007 Datasheet HTML 46Page - Microchip Technology SIO1007 Datasheet HTML 47Page - Microchip Technology SIO1007 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
SIO1007
DS00002020A-page 44
 2005 - 2015 Microchip Technology Inc.
APPLICATION NOTE: If GPIO function is selected on GP13/IRQIN1/CLKI32 and GP14/IRQIN2 pins and if IRQ is
selected using the routing registers (CR29 for IRQIN1 and CR2A for IRQIN2), IRQs will be
generated on the Serial IRQ stream. The state of the GPIO pins will be reflected on the serial
IRQ stream. The IRQ selection bits should be ‘0000’ in the IRQ routing registers when GPIO
functions are used. These IRQ selection bits default to ‘0000’ on VCC POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More