| Moteur de recherche de fiches techniques de composants électroniques |
|
MEC1322 Fiches technique(PDF) 247 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 Fiches technique(HTML) 247 Page - Microchip Technology |
|
247 / 456 page ![]() 2014 - 2015 Microchip Technology Inc. DS00001719D-page 247 MEC1322 GPIO Name (Octal) Pin Control Reg. Offset (Hex) Pin Control Reg. POR Value (Hex) POR Default Signal Function Mux Control = 00 Mux Control = 01 Mux Control = 10 Mux Control = 11 GPIO111 0124 00001000 LAD3 GPIO111 LAD3 Reserved Reserved GPIO112 0128 00001000 LAD0 GPIO112 LAD0 Reserved Reserved GPIO113 012C 00001000 LAD2 GPIO113 LAD2 Reserved Reserved GPIO114 0130 00001000 LAD1 GPIO114 LAD1 Reserved Reserved GPIO115 0134 00001000 SER_IRQ GPIO115 SER_IRQ Reserved Reserved GPIO116 0138 00001000 LRESET# GPIO116 LRESET# Reserved Reserved GPIO117 013C 00001000 PCI_CLK GPIO117 PCI_CLK Reserved Reserved GPIO120 0140 00001000 LFRAME# GPIO120 LFRAME# Reserved Reserved GPIO121 0144 00001000 nRESET_OUT GPIO121 nRESET_OUT Reserved Reserved GPIO122 0148 00000000 GPIO122 GPIO122 SHD_SCLK Reserved Reserved GPIO123 014C 0000000C GPIO123 GPIO123 Reserved Reserved Reserved GPIO124 0150 00000000 GPIO124 GPIO124 SHD_MISO Reserved Reserved GPIO125 0154 00002000 KSI0 GPIO125 Reserved KSI0 Reserved GPIO126 0158 00002000 KSI1 GPIO126 Reserved KSI1 Reserved GPIO127 015C 00000000 GPIO127 GPIO127 PECI_RDY Reserved Reserved GPIO130 0160 00000000 GPIO130 GPIO130 Reserved Reserved Reserved GPIO131 0164 00001100 VCC1_RST# GPIO131 VCC1_RST# Reserved Reserved GPIO132 0168 00000000 GPIO132 GPIO132 PECI_DAT Reserved Reserved GPIO133 016C 00000000 GPIO133 GPIO133 PWM0 Reserved Reserved GPIO134 0170 00002100 I2C0_CLK1 GPIO134 Reserved I2C0_CLK1 Reserved GPIO135 0174 00000000 GPIO135 GPIO135 KBRST Reserved Reserved GPIO136 0178 00000000 GPIO136 GPIO136 PWM1 Reserved Reserved GPIO140 0180 00000000 GPIO140 GPIO140 TACH2 Reserved TACH2PWM_IN GPIO141 0184 00000000 GPIO141 GPIO141 PWM3 LED3 Reserved GPIO142 0188 00003000 KSI4 GPIO142 Reserved Reserved KSI4 GPIO143 018C 00000200 GPIO143 GPIO143 RSMRST# Reserved Reserved GPIO144 0190 00003000 KSI2 GPIO144 Reserved Reserved KSI2 GPIO145 0194 00000001 GPIO145 GPIO145 Reserved Reserved Reserved GPIO146 0198 00000000 GPIO146 GPIO146 PVT_CS0# Reserved Reserved GPIO147 019C 00000001 GPIO147 GPIO147 Reserved Reserved Reserved GPIO150 01A0 00000000 GPIO150 GPIO150 SHD_CS0# Reserved Reserved GPIO151 01A4 00000001 GPIO151 GPIO151 Reserved Reserved Reserved GPIO Name (Octal) Pin Control Reg. Offset (Hex) Pin Control Reg. POR Value (Hex) POR Default Signal Function Mux Control = 00 Mux Control = 01 Mux Control = 10 Mux Control = 11 GPIO152 01A8 00000000 GPIO152 GPIO152 Reserved PS2_DAT3 Reserved GPIO153 01AC 00000000 GPIO153 GPIO153 PVT_SCLK Reserved Reserved GPIO154 01B0 00002000 LED0 GPIO154 Reserved LED0 Reserved GPIO155 01B4 00002000 LED1 GPIO155 Reserved LED1 Reserved GPIO156 01B8 00002000 LED2 GPIO156 Reserved LED2 Reserved GPIO157 01BC 00000001 GPIO157 GPIO157 BC_CLK Reserved Reserved GPIO160 01C0 00000001 GPIO160 GPIO160 BC_DAT Reserved Reserved GPIO161 01C4 00000001 GPIO161 GPIO161 BC_INT# Reserved Reserved GPIO162 01C8 00000000 GPIO162 GPIO162 RXD Reserved Reserved GPIO163 01CC 00000000 GPIO163 GPIO163 Reserved Reserved Reserved GPIO164 01D0 00000000 GPIO164 GPIO164 PVT_MISO Reserved Reserved GPIO165 01D4 00000000 GPIO165 GPIO165 TXD SHD_CS1# Reserved GPIO200 0200 0000000C GPIO200 GPIO200 Reserved Reserved Reserved GPIO201 0204 0000000C GPIO201 GPIO201 Reserved Reserved Reserved GPIO202 0208 0000000C GPIO202 GPIO202 Reserved Reserved Reserved GPIO203 020C 0000000C GPIO203 GPIO203 Reserved Reserved Reserved GPIO204 0210 0000000C GPIO204 GPIO204 Reserved Reserved Reserved GPIO206 0218 00000000 GPIO206 GPIO206 Reserved Reserved Reserved GPIO210 0220 0000000C GPIO210 GPIO210 Reserved Reserved Reserved GPIO211 0224 0000000C GPIO211 GPIO211 Reserved Reserved Reserved |