| Moteur de recherche de fiches techniques de composants électroniques |
|
MEC1322 Fiches technique(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 Fiches technique(HTML) 29 Page - Microchip Technology |
|
29 / 456 page ![]() 2014 - 2015 Microchip Technology Inc. DS00001719D-page 29 MEC1322 TABLE 1-30: MULTIPLEXING TABLE (9 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 65 Default: 0 GPIO033 PIO I (PU) VCC1 VCC1 No Gate 65 1 Reserved Reserved Reserved Reserved 65 2 Reserved Reserved Reserved Reserved 65 3 Reserved Reserved Reserved Reserved 66 0 GPIO046 PIO VCC1 VCC1 No Gate 66 1 Reserved Reserved Reserved Reserved 66 Default: 2 PS2_CLK0 PIO IOD-12mA VCC1 VCC1 Low 66 3 Reserved Reserved Reserved Reserved 67 0 GPIO047 PIO VCC1 VCC1 No Gate 67 1 Reserved Reserved Reserved Reserved 67 Default: 2 PS2_DAT0 PIO IOD-12mA VCC1 VCC1 Low 67 3 Reserved Reserved Reserved Reserved 68 VBAT PWR PWR PWR 68 68 68 69 Default: 0 XTAL2 ICLK VBAT VBAT Note 9 69 1 Reserved Reserved Reserved Reserved 69 2 Reserved Reserved Reserved Reserved 69 3 Reserved Reserved Reserved Reserved 70 VSS_VBAT PWR PWR PWR 70 70 70 71 Default: 0 XTAL1 OCLK VBAT VBAT Note 9 71 1 Reserved Reserved Reserved Reserved 71 2 Reserved Reserved Reserved Reserved 71 3 Reserved Reserved Reserved Reserved 72 0 GPIO063 PIO VCC1 VCC1 No Gate 72 Default: 1 VCC_PWRGD PIO I VCC1 VCC1 High 72 2 Reserved Reserved Reserved Reserved 72 3 Reserved Reserved Reserved Reserved |