| Moteur de recherche de fiches techniques de composants électroniques |
|
MEC1322 Fiches technique(PDF) 246 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 Fiches technique(HTML) 246 Page - Microchip Technology |
|
246 / 456 page ![]() MEC1322 DS00001719D-page 246 2014 - 2015 Microchip Technology Inc. GPIO Name (Octal) Pin Control Reg. Offset (Hex) Pin Control Reg. POR Value (Hex) POR Default Signal Function Mux Control = 00 Mux Control = 01 Mux Control = 10 Mux Control = 11 GPIO041 0084 00001002 Reserved GPIO041 Reserved Reserved Reserved GPIO042 0088 00003000 KSI6 GPIO042 Reserved Reserved KSI6 GPIO043 008C 00003000 KSI7 GPIO043 Reserved Reserved KSI7 GPIO044 0090 00000000 GPIO044 GPIO044 nSMI Reserved Reserved GPIO045 0094 00000000 GPIO045 GPIO045 A20M PVT_CS1# Reserved GPIO046 0098 00002100 PS2_CLK0 GPIO046 Reserved PS2_CLK0 Reserved GPIO047 009C 00002100 PS2_DAT0 GPIO047 Reserved PS2_DAT0 Reserved GPIO050 00A0 00002100 PS2_CLK1 GPIO050 Reserved PS2_CLK1 Reserved GPIO051 00A4 00002100 PS2_CLK2 GPIO051 Reserved PS2_CLK2 Reserved GPIO052 00A8 00002100 PS2_DAT2 GPIO052 Reserved PS2_DAT2 Reserved GPIO053 00AC 00000000 GPIO053 GPIO053 Reserved PS2_CLK3 Reserved GPIO054 00B0 00000000 GPIO054 GPIO054 PVT_MOSI Reserved Reserved GPIO055 00B4 0000000C GPIO055 GPIO055 Reserved Reserved Reserved GPIO056 00B8 00003000 ADC0 GPIO056 ADC0 Reserved Reserved GPIO057 00BC 00001000 ADC1 GPIO057 ADC1 Reserved Reserved GPIO060 00C0 00001001 ADC2 GPIO060 ADC2 Reserved Reserved GPIO061 00C4 00001000 ADC3 GPIO061 ADC3 Reserved Reserved GPIO062 00C8 00001000 ADC4 GPIO062 ADC4 Reserved Reserved GPIO063 00CC 00001000 VCC_PWRGD GPIO063 VCC_PWRGD Reserved Reserved GPIO064 00D0 00000000 GPIO064 GPIO064 SHD_MOSI Reserved Reserved GPIO065 00D4 00002100 PS2_DAT1 GPIO065 Reserved PS2_DAT1 Reserved GPIO066 00D8 00000000 GPIO066 GPIO066 Reserved Reserved Reserved GPIO067 00DC 0000000C GPIO067 GPIO067 Reserved Reserved Reserved GPIO100 0100 00003000 KSO01 GPIO100 Reserved Reserved KSO01 GPIO101 0104 00003000 KSO02 GPIO101 Reserved Reserved KSO02 GPIO102 0108 00003000 KSO03 GPIO102 Reserved Reserved KSO03 GPIO103 010C 00003000 KSO04 GPIO103 TFDP_DATA Reserved KSO04 GPIO104 0110 00003000 KSO05 GPIO104 TFDP_CLK Reserved KSO05 GPIO105 0114 00000000 GPIO105 GPIO105 TACH1 Reserved Reserved GPIO106 0118 00003000 KSO09 GPIO106 Reserved Reserved KSO09 GPIO107 011C 00003000 KSO11 GPIO107 Reserved Reserved KSO11 GPIO110 0120 00000000 GPIO110 GPIO110 Reserved Reserved Reserved |