| Moteur de recherche de fiches techniques de composants électroniques |
|
MEC1322 Fiches technique(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 Fiches technique(HTML) 32 Page - Microchip Technology |
|
32 / 456 page ![]() MEC1322 DS00001719D-page 32 2014 - 2015 Microchip Technology Inc. TABLE 1-33: MULTIPLEXING TABLE (12 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 89 Default: 0 GPIO022 PIO I VCC1 VCC1 No Gate Note 5 89 1 Reserved Reserved Reserved Reserved 89 2 I2C1_CLK0 PIO VCC1 VCC1 High 89 3 Reserved Reserved Reserved Reserved 90 Default: 0 GPIO021 PIO I VCC1 VCC1 No Gate 90 1 Reserved Reserved Reserved Reserved 90 2 I2C2_DAT0 PIO VCC1 VCC1 High 90 3 Reserved Reserved Reserved Reserved 91 Default: 0 GPIO020 PIO I VCC1 VCC1 No Gate 91 1 Reserved Reserved Reserved Reserved 91 2 I2C2_CLK0 PIO VCC1 VCC1 High 91 3 Reserved Reserved Reserved Reserved 92 Default: 0 GPIO105 PIO I VCC1 VCC1 No Gate 92 1 TACH1 PIO VCC1 VCC1 Low 92 2 Reserved Reserved Reserved Reserved 92 3 Reserved Reserved Reserved Reserved 93 Default: 0 GPIO145 PIO I (PU) VCC1 VCC1 No Gate 93 1 Reserved Reserved Reserved Reserved 93 2 Reserved Reserved Reserved Reserved 93 3 Reserved Reserved Reserved Reserved 94 Default: 0 GPIO164 PIO I VCC1 VCC1 No Gate Note 10 94 1 PVT_MISO PIO VCC1 VCC1 Low Note 10 94 2 Reserved Reserved Reserved Reserved 94 3 Reserved Reserved Reserved Reserved 95 Default: 0 GPIO124 PIO I VCC1 VCC1 No Gate Note 10 95 1 SHD_MISO PIO VCC1 VCC1 Low Note 10 95 2 Reserved Reserved Reserved Reserved 95 3 Reserved Reserved Reserved Reserved 96 Default: 0 GPIO146 PIO I VCC1 VCC1 No Gate Note 4, Note 10 96 1 PVT_CS0# PIO VCC1 VCC1 High Note 10 96 2 Reserved Reserved Reserved Reserved 96 3 Reserved Reserved Reserved Reserved |