Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MEC1322 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Fiches technique(HTML) 7 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 3Page - Microchip Technology MEC1322 Datasheet HTML 4Page - Microchip Technology MEC1322 Datasheet HTML 5Page - Microchip Technology MEC1322 Datasheet HTML 6Page - Microchip Technology MEC1322 Datasheet HTML 7Page - Microchip Technology MEC1322 Datasheet HTML 8Page - Microchip Technology MEC1322 Datasheet HTML 9Page - Microchip Technology MEC1322 Datasheet HTML 10Page - Microchip Technology MEC1322 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 7
MEC1322
TABLE 1-2:
MEC1322 132 DQFN PIN CONFIGURATION
Note:
Table 1-2, "MEC1322 132 DQFN Pin Configuration" shows the mapping between Pin Ref. Number and 132
DQFN Number for the 132 DQFN package.
Pin Ref.
Number
132 DQFN
Number
Pin Name
Pin Ref.
Number
132 DQFN
Number
Pin Name
2
B1
GPIO153/PVT_SCLK
32
B18
PS2_DAT2/GPIO052
3
A1
GPIO122/SHD_SCLK
33
A17
GPIO147
4
B2
GPIO011/KSO16
34
B19
GPIO151
5
A2
KSO13/GPIO006
132
A18
GPIO211
6
B3
KSO12/GPIO005
35
B20
PS2_CLK2/GPIO051
7
A3
KSO11/GPIO107
37
A19
VCC1
8
B4
KSO10/GPIO004
38
B21
ADC4/GPIO062
10
A4
KSO08/GPIO003
39
A20
ADC3/GPIO061
9
B5
KSO09/GPIO106
40
B22
AVCC
11
A5
VSS
41
A21
GPIO206
12
B6
KSO07/GPIO002
42
B23
ADC2/GPIO060
13
A6
KSO06/GPIO001
43
A22
ADC1/GPIO057
14
B7
VCC1
44
B24
ADC0/GPIO056
15
A7
CAP
45
A23
AVSS
129
B8
GPIO067
46
B25
LAD0/GPIO112
130
A8
GPIO055
133
A24
GPIO200
131
B9
GPIO210
48
B26
LAD1/GPIO114
16
A9
KSO05/GPIO104/TFDP_CLK
49
A25
JTAG_RST#
17
B10
KSO04/GPIO103/TFDP_DATA/XNOR
50
B27
LAD2/GPIO113
18
A10
KSO03/GPIO102/JTAG_TDO
51
A26
LAD3/GPIO111
19
B11
KSO02/GPIO101/JTAG_TDI
52
B28
LFRAME#/GPIO120
20
A11
KSO01/GPIO100/JTAG_TMS
53
A27
LRESET#/GPIO116
21
B12
KSO00/GPIO000/JTAG_TCK
54
B29
PCI_CLK/GPIO117
22
A12
KSI7/GPIO043
55
A28
CLKRUN#/GPIO014
24
B13
KSI5/GPIO040
134
B30
GPIO123
23
A13
KSI6/GPIO042
57
A29
SER_IRQ/GPIO115
25
B14
KSI4/GPIO142/TRACECLK
58
B31
VCC1
26
A14
KSI3/GPIO032/TRACEDATA0
59
A30
GPIO041
27
B15
KSI2/GPIO144/TRACEDATA1
60
B32
nRESET_OUT/GPIO121
28
A15
KSI1/GPIO126/TRACEDATA2
61
A31
PS2_CLK1/GPIO050
29
B16
KSI0/GPIO125/TRACEDATA3
62
B33
PS2_DAT1/GPIO065
30
A16
GPIO031
63
A32
GPIO035
31
B17
GPIO127/PECI_RDY
64
B34
GPIO027



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More