| Moteur de recherche de fiches techniques de composants électroniques |
|
MEC1322 Fiches technique(PDF) 245 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 Fiches technique(HTML) 245 Page - Microchip Technology |
|
245 / 456 page ![]() 2014 - 2015 Microchip Technology Inc. DS00001719D-page 245 MEC1322 GPIO040 = 00003001h GPIO142 = 00003001h GPIO032 = 00003001h GPIO144 = 00003001h GPIO126 = 00002001h GPIO125 = 00002001h TABLE 20-5: PIN CONTROL REGISTERS GPIO Name (Octal) Pin Control Reg. Offset (Hex) Pin Control Reg. POR Value (Hex) POR Default Signal Function Mux Control = 00 Mux Control = 01 Mux Control = 10 Mux Control = 11 GPIO000 0000 00003000 KSO00 GPIO000 Reserved Reserved KSO00 GPIO001 0004 00003000 KSO06 GPIO001 Reserved Reserved KSO06 GPIO002 0008 00003000 KSO07 GPIO002 Reserved Reserved KSO07 GPIO003 000C 00003000 KSO08 GPIO003 Reserved Reserved KSO08 GPIO004 0010 00003000 KSO10 GPIO004 Reserved Reserved KSO10 GPIO005 0014 00003002 KSO12 GPIO005 Reserved Reserved KSO12 GPIO006 0018 00003000 KSO13 GPIO006 Reserved Reserved KSO13 GPIO007 001C 00000000 GPIO007 GPIO007 Reserved Reserved KSO14 GPIO010 0020 00000000 GPIO010 GPIO010 Reserved Reserved KSO15 GPIO011 0024 00000002 GPIO011 GPIO011 Reserved Reserved KSO16 GPIO012 0028 00000000 GPIO012 GPIO012 Reserved Reserved KSO17 GPIO013 002C 00002000 32KHZ_OUT GPIO013 Reserved 32KHZ_OUT Reserved GPIO014 0030 00001000 CLKRUN# GPIO014 CLKRUN# Reserved Reserved GPIO015 0034 00002100 I2C0_CLK0 GPIO015 Reserved I2C0_CLK0 Reserved GPIO016 0038 00002100 I2C0_DAT0 GPIO016 Reserved I2C0_DAT0 Reserved GPIO017 003C 00002100 I2C0_DAT1 GPIO017 Reserved I2C0_DAT1 Reserved GPIO020 0040 00000000 GPIO020 GPIO020 Reserved I2C2_CLK0 Reserved GPIO021 0044 00000000 GPIO021 GPIO021 Reserved I2C2_DAT0 Reserved GPIO022 0048 00000000 GPIO022 GPIO022 Reserved I2C1_CLK0 Reserved GPIO023 004C 00000000 GPIO023 GPIO023 Reserved I2C1_DAT0 Reserved GPIO024 0050 00000001 GPIO024 GPIO024 Reserved I2C3_CLK0 Reserved GPIO025 0054 00000000 GPIO025 GPIO025 Reserved I2C3_DAT0 Reserved GPIO026 0058 00002100 nEC_SCI GPIO026 Reserved nEC_SCI Reserved GPIO027 005C 00000001 GPIO027 GPIO027 Reserved Reserved Reserved GPIO030 0060 00000000 GPIO030 GPIO030 Reserved Reserved Reserved GPIO031 0064 00000001 GPIO031 GPIO031 Reserved Reserved Reserved GPIO032 0068 00003000 KSI3 GPIO032 Reserved Reserved KSI3 GPIO033 006C 00000001 GPIO033 GPIO033 Reserved Reserved Reserved GPIO034 0070 00000000 GPIO034 GPIO034 PWM2 Reserved TACH2PWM_OUT GPIO035 0074 00000001 GPIO035 GPIO035 Reserved Reserved Reserved GPIO036 0078 00000001 GPIO036 GPIO036 Reserved Reserved Reserved GPIO040 0080 00003000 KSI5 GPIO040 Reserved Reserved KSI5 |