| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5403E-HTST Fiches technique(PDF) 52 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403E-HTST Fiches technique(HTML) 52 Page - ams AG |
|
52 / 66 page ![]() Page 52 ams Datasheet Document Feedback [v1-06] 2015-Aug-28 AS5403A/D/E − Device Configuration Figure 72: Register Measurement Value 1to 4 MV1 to MV4 0x511, 0x512, 0x513, 0x514 Figure 73: Register Magnitude 0x520 Figure 74: Register Angle not Linearized 0x521 Figure 75: Register Angle Linearized 0x522 Register Hex Access Bit Function Note 0x511 0x512 0x513 0x514 R D15 (MSB) MV1 MV2 MV3 MV4 Measurement values of 3D Hall Pixels : D0 (LSB) Register Hex Access Bit Function Note 0x520 R D15 (MSB) Magnitude Magnitude information after ATAN calculation : D0 (LSB) Register Hex Access Bit Function Note 0x521 R D15 (MSB) Angle Angle information after CORDIC calculation : D0 (LSB) Register Hex Access Bit Function Note 0x522 R D15 (MSB) Angle linearized Angle information after linearization. 16 bit linearized output : D0 (LSB) |