Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5403E-HTST Fiches technique(PDF) 37 Page - ams AG

No de pièce AS5403E-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST Fiches technique(HTML) 37 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 33Page - ams AG AS5403E-HTST Datasheet HTML 34Page - ams AG AS5403E-HTST Datasheet HTML 35Page - ams AG AS5403E-HTST Datasheet HTML 36Page - ams AG AS5403E-HTST Datasheet HTML 37Page - ams AG AS5403E-HTST Datasheet HTML 38Page - ams AG AS5403E-HTST Datasheet HTML 39Page - ams AG AS5403E-HTST Datasheet HTML 40Page - ams AG AS5403E-HTST Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
ams Datasheet
Page 37
[v1-06] 2015-Aug-28
Document Feedback
AS5403A/D/E − Device Configuration
Figure 42:
EEPROM Sequencer Control 0x00B
Register
Hex
Access
Bit
Function
Default
Note
0x00B
R/W
D15 (MSB)
Reserved
0
D14
D13
D12
ExtRng
0
Extended Range (for differential
mode):
0 = disabled
1 = enabled
D11
Reserved
0
D10
Swap
0
Swap Bi and Bj before angle
calculation
D9
Reserved
0
D8
Reserved
0
D7
Table Select <1>
0
These bits allow the selection of 3
different operating modes, stored in
3 individual sequencer tables. Don’t
use 11 --> no operation
D6
Table Select <0>
1
D5
Reserved
0
D4
DIFF
0
Differential mode:
0 = absolute measurement of one
pixel
1 = differential measurement of
both pixels
D3
Reserved
0
D2
SeqEn
1
1 = Sequencer enabled
0 = Sequencer disabled
D1
AVG
1
Average mode:
0 = absolute measurement of one
pixel,
1 = average measurement of both
pixels
D0 (LSB)
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66