| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5403E-HTST Fiches technique(PDF) 46 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403E-HTST Fiches technique(HTML) 46 Page - ams AG |
|
46 / 66 page ![]() Page 46 ams Datasheet Document Feedback [v1-06] 2015-Aug-28 AS5403A/D/E − Device Configuration Figure 62: EEPROM DSW Settings 0x1FB Figure 63: EEPROM Customer ID 0x1FC Register Hex Access Bit Function Default Note 0x1FB R/W D15 (MSB) Reserved 0 D14 Reserved 0 :0 D10 0 D9 Reserved 0 D8 Reserved 0 D7 DSW_POL 0 Polarity: 0 = low level 1 = high level D6 DSW HYST <2> 0 DSW Hysteresis: 000 = 4 LSB; 001 = 8 LSB; 010 = 16 LSB; 011 = 32 LSB; 100 = 48 LSB; 101 = 64 LSB; 110 = 96 LSB; 111 =128 LSB; LSB are on 12 bits :: 0 D4 DSW HYST <0> 0 D3 DSW SW POINT <11> 0 Upper 4 bits of the switching point :: : D0 (LSB) DSW SW POINT <8> 0 Register Hex Access Bit Function Default Note 0x1FC R/W D15 (MSB) CUST ID 0 Customer ID number 7 to 0 :: D8 0 D7 CUST ID 0 Extended Byte :: D0 (LSB) 0 |