| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5403E-HTST Fiches technique(PDF) 43 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403E-HTST Fiches technique(HTML) 43 Page - ams AG |
|
43 / 66 page ![]() ams Datasheet Page 43 [v1-06] 2015-Aug-28 Document Feedback AS5403A/D/E − Device Configuration Figure 57: EEPROM Clamp High 2 (MSBs) 0x1F6 Figure 58: EEPROM Angle Offset 0x1F7 Figure 59: EEPROM Customer Lock 0x1F8 Register Hex Access Bit Function Default Note 0x1F6 R/W D15 (MSB) Reserved 0 :: D8 0 D7 Clamp High 2 (MSBs) 0 Clamp High 2 (MSBs) value for PWM and analog output. DSW not effected. 8 higher MSBs [0;256] :: D0 (LSB) 0 Register Hex Access Bit Function Default Note 0x1F7 R/W D15 (MSB) Angle Offset 0 Signed integer [-32768;32767] : D0 (LSB) Register Hex Access Bit Function Default Note 0x1F8 R/W D15 (MSB) Customer Lock 0 EEPROM lock key region. When key 0x55AA is programmed --> no more write access to complete EEPROM : D0 (LSB) |