| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5403E-HTST Fiches technique(PDF) 45 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403E-HTST Fiches technique(HTML) 45 Page - ams AG |
|
45 / 66 page ![]() ams Datasheet Page 45 [v1-06] 2015-Aug-28 Document Feedback AS5403A/D/E − Device Configuration Figure 61: EEPROM DSW Pin Configuration 0x1FA Register Hex Access Bit Function Default Note 0x1FA R/W D15 (MSB) DSW SW POINT <7:0> 0 Low byte of the switching point :: D8 0 D7 DSW FALL <1> 0 Threshold for the fall time check. 00 = no check 01 = 24 to 28 μs 10 = 56 to 60 μs 11 = 120 to 124 μs D6 DSW FALL <0> 0 D5 DSW RISE <1> 0 Threshold for the rise time check. 00 = no check 01 = 24 to 28 μs 10 = 56 to 60 μs 11 = 120 to 124 μs D4 DSW RISE <0> 0 D3 Reserved 0 D2 DSW CFG <2> 0 Output driver configuration DSW pin. See Figure 23 D1 : 0 D0 (LSB) DSW CFG <0> 0 |