| Moteur de recherche de fiches techniques de composants électroniques |
|
Z8018233FSC Fiches technique(PDF) 32 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8018233FSC Fiches technique(HTML) 32 Page - Zilog, Inc. |
|
32 / 109 page ![]() 3-32 Z80182/Z8L182 ZILOG INTELLIGENT PERIPHERAL PRELIMINARY Zilog DS971820600 ASCI CHANNELS CONTROL REGISTERS (Continued) MPBT MP /CTS/ PS SS2 SS1 SS0 Invalid R/W 0 R/W 0 R/W 0 R/W 0 R/W 1 R/W 1 R/W 1 R/W R/W CNTLB1 Clock Source and Speed Select Addr 03H Bit Upon Reset DR PE0 Divide Ratio Parity Even or Odd Read - Status of /CTS pin Write - Select PS Multiprocessor Multiprocessor Bit Transmit General PS = 0 PS = 1 Divide Ratio (Divide Ratio = 10) (Divide Ratio = 30) SS, 2, 1, 0 DR = 0 (x16) DR = 1 (x64) DR = 0 (x16) DR = 1 (x64) 000 Ø ÷ 160 Ø ÷ 640 Ø ÷ 480 Ø ÷ 1920 001 Ø ÷ 320 Ø ÷ 1280 Ø ÷ 960 Ø ÷ 3840 010 Ø ÷ 640 Ø ÷ 2580 Ø ÷ 1920 Ø ÷ 7680 011 Ø ÷ 1280 Ø ÷ 5120 Ø ÷ 3840 Ø ÷ 15360 100 Ø ÷ 2560 Ø ÷ 10240 Ø ÷ 7680 Ø ÷ 30720 101 Ø ÷ 5120 Ø ÷ 20480 Ø ÷ 15360 Ø ÷ 61440 110 Ø ÷ 10240 Ø ÷ 40960 Ø ÷ 30720 Ø ÷ 122880 *111 External Clock (Frequency < Ø ÷ 40) Note: * Baud rate is external clock rate ÷ 16; therefore, Ø ÷ (40 x 16) is maximum baud rate using external clocking. Figure 12. ASCI Control Register B (Ch. 1) |