Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z8018233FSC Fiches technique(PDF) 2 Page - Zilog, Inc.

No de pièce Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Fiches technique(HTML) 2 Page - Zilog, Inc.

  Z8018233FSC Datasheet HTML 1Page - Zilog, Inc. Z8018233FSC Datasheet HTML 2Page - Zilog, Inc. Z8018233FSC Datasheet HTML 3Page - Zilog, Inc. Z8018233FSC Datasheet HTML 4Page - Zilog, Inc. Z8018233FSC Datasheet HTML 5Page - Zilog, Inc. Z8018233FSC Datasheet HTML 6Page - Zilog, Inc. Z8018233FSC Datasheet HTML 7Page - Zilog, Inc. Z8018233FSC Datasheet HTML 8Page - Zilog, Inc. Z8018233FSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 109 page
background image
3-2
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
GENERAL DESCRIPTION (Continued)
Z8S180
(Static Z80180)
MPU Core
Address
Decode
8-Bit Parallel
Port C
8-Bit Parallel
Port B
8-Bit Parallel
Port A
85230
ESCC
Channel
B
MUX
MUX
16550
MIMIC
Interface
EV1
EV2
D7-D0
Control
A19-A0
Tx Data
Rx Data
ESCC
Control
/ROMCS
/RAMCS
GLU
Logic
85230
ESCC
Channel
A
Bus
Transceiver
MUX
/TRxCB
16550 MIMIC
or ESCC
85230 Ch. B
and Port A
85230
ESCC Ch. A
or Port C
Z180 Signals
or Port B
Note: Conventional use of the term "MPU side" refers to all interface through the Z180 MPU
core and "PC side" refers to all interface through the16550 MIMIC interface.
Figure 1. Z80182/Z8L182 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More