Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z8018233FSC Fiches technique(PDF) 13 Page - Zilog, Inc.

No de pièce Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Fiches technique(HTML) 13 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 9Page - Zilog, Inc. Z8018233FSC Datasheet HTML 10Page - Zilog, Inc. Z8018233FSC Datasheet HTML 11Page - Zilog, Inc. Z8018233FSC Datasheet HTML 12Page - Zilog, Inc. Z8018233FSC Datasheet HTML 13Page - Zilog, Inc. Z8018233FSC Datasheet HTML 14Page - Zilog, Inc. Z8018233FSC Datasheet HTML 15Page - Zilog, Inc. Z8018233FSC Datasheet HTML 16Page - Zilog, Inc. Z8018233FSC Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
3-13
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Table 5. Primary, Secondary and Tertiary Pin Functions
Pin Number
1st
2nd
3rd
MUX
VQFP
QFP
Function
Function
Function
Control
14
ST
25
A0
36
A1
47
A2
58
A3
69
A4
710
A5
811
A6
912
A7
10
13
A8
11
14
A9
12
15
A10
13
16
A11
14
17
A12
15
18
V
SS
16
19
A13
17
20
A14
18
21
A15
19
22
A16
20
23
A17
21
24
A18/T
OUT
22
25
V
DD
23
26
A19
24
27
D0
25
28
D1
26
29
D2
27
30
D3
28
31
D4
29
32
D5
30
33
D6
31
34
D7
32
35
/RTS0
PB0
SYS CONF REG Bit 5
33
36
/CTS0
PB1
SYS CONF REG Bit 5
34
37
/DCD0
PB2
SYS CONF REG Bit 5
35
38
TxA0
PB3
SYS CONF REG Bit 5
36
39
RxA0
PB4
SYS CONF REG Bit 5
37
40
TxA1
PB5
SYS CONF REG Bit 6
38
41
RxA1
PB6
SYS CONF REG Bit 6
39
42
RxS//CTS1
PB7
SYS CONF REG Bit 6
40
43
CKA0//DREQ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More