Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z8018233FSC Fiches technique(PDF) 16 Page - Zilog, Inc.

No de pièce Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Fiches technique(HTML) 16 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 12Page - Zilog, Inc. Z8018233FSC Datasheet HTML 13Page - Zilog, Inc. Z8018233FSC Datasheet HTML 14Page - Zilog, Inc. Z8018233FSC Datasheet HTML 15Page - Zilog, Inc. Z8018233FSC Datasheet HTML 16Page - Zilog, Inc. Z8018233FSC Datasheet HTML 17Page - Zilog, Inc. Z8018233FSC Datasheet HTML 18Page - Zilog, Inc. Z8018233FSC Datasheet HTML 19Page - Zilog, Inc. Z8018233FSC Datasheet HTML 20Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
3-16
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Product Specification/Technical Manuals of each discrete
product. The following subsections describe each of the
individual units of the Z182.
Z80182/Z8L182 FUNCTIONAL DESCRIPTION
Functionally, the on-chip Z182 MPU and ESCC™ are the
same as the discrete devices (Figure 1). Therefore, for a
detailed description of each individual unit, refer to the
Z182 MPU FUNCTIONAL DESCRIPTION
This unit provides all the capabilities and pins of the Zilog
Z8S180 MPU (Static Z80180 MPU). Figure 4 shows the
S180 MPU Block Diagram of the Z182. This allows 100%
software compatibility with existing Z180™ (and Z80®)
software. The following is an overview of the major functional
units of the Z182.
Timing &
Clock
Generator
Bus State Control
Interrupt
CPU
DMACs
(2)
16-Bit
Programmable
Reload Timers
(2)
Clocked
Serial I/O
Port
Asynchronous
SCI
(Channel 0)
Asynchronous
SCI
(Channel 1)
MMU
/DREQ1
/TEND
TxA0
CKA0 /DREQ0
RxA0
/RTS0
/CTS0
/DCD0
TxA1
CKA1 /TEND0
RxA1
Ø
A18
/TOUT
TxS
RxS//CTS
CKS
A19-A0
D7-D0
Figure 4. S180 MPU Block Diagram of Z182