| Moteur de recherche de fiches techniques de composants électroniques |
|
Z8018233FSC Fiches technique(PDF) 20 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8018233FSC Fiches technique(HTML) 20 Page - Zilog, Inc. |
|
20 / 109 page ![]() 3-20 Z80182/Z8L182 ZILOG INTELLIGENT PERIPHERAL PRELIMINARY Zilog DS971820600 Transmit Logic Channel A Receive and Transmit Clock Multipexer Transmit FIFO 4 Bytes Transmit MUX Data Encoding & CRC Generation Digital Phase-Locked Loop Baud Rate Generator Crystal Oscillator Amplifier Modem/Control Logic Receive MUX CRC Checker, Data Decode & Sync Character Detection Rec. Status* FIFO Rec. Data* FIFO SDLC Frame Status FIFO 10 x 19 Receive Logic TxDA /TRxCA /RTxCA /CTSA /DCDA /SYNCA /RTSA /DTRA//REQA RxDA Exploded View Internal Control Logic Channel A Register Channel B Register Interrupt Control Logic CPU & DMA Bus Interface Databus Control Channel A Channel B /INT /INTACK IEI IEO Interrupt Control * 8 bytes each Figure 5. ESCC Block Diagram Z85230 ESCC™ BLOCK DIAGRAM For a detailed description of the Z85230 ESCC, refer to the ESCC Technical Manual. The following figure is the block diagram of the discrete ESCC, which was integrated into the Z182. The /INT line is internally connected to "INTO of the Z182. |