Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8260ACVR Fiches technique(PDF) 9 Page - Motorola, Inc

No de pièce MPC8260ACVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260ACVR Fiches technique(HTML) 9 Page - Motorola, Inc

Back Button MPC8260ACVR Datasheet HTML 5Page - Motorola, Inc MPC8260ACVR Datasheet HTML 6Page - Motorola, Inc MPC8260ACVR Datasheet HTML 7Page - Motorola, Inc MPC8260ACVR Datasheet HTML 8Page - Motorola, Inc MPC8260ACVR Datasheet HTML 9Page - Motorola, Inc MPC8260ACVR Datasheet HTML 10Page - Motorola, Inc MPC8260ACVR Datasheet HTML 11Page - Motorola, Inc MPC8260ACVR Datasheet HTML 12Page - Motorola, Inc MPC8260ACVR Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
9
Electrical and Thermal Characteristics
IOL = 7.0mA
BR
BG
ABB/IRQ2
TS
A[0-31]
TT[0-4]
TBST
TSIZE[0–3]
AACK
ARTRY
DBG
DBB/IRQ3
D[0-63]
DP(0)/RSRV/EXT_BR2
DP(1)/IRQ1/EXT_BG2
DP(2)/TLBISYNC/IRQ2/EXT_DBG2
DP(3)/IRQ3/EXT_BR3/CKSTP_OUT
DP(4)/IRQ4/EXT_BG3/CORE_SREST
DP(5)/TBEN/IRQ5/EXT_DBG3
DP(6)/CSE(0)/IRQ6
DP(7)/CSE(1)/IRQ7
PSDVAL
TA
TEA
GBL/IRQ1
CI/BADDR29/IRQ2
WT/BADDR30/IRQ3
L2_HIT/IRQ4
CPU_BG/BADDR31/IRQ5
CPU_DBG
CPU_BR
IRQ0/NMI_OUT
IRQ7/INT_OUT/APE
PORESET
HRESET
SRESET
RSTCONF
QREQ
VOL
—
0.4
V
Table 3. DC Electrical Characteristics1 (Continued)
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48