Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8260ACVR Fiches technique(PDF) 37 Page - Motorola, Inc

No de pièce MPC8260ACVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260ACVR Fiches technique(HTML) 37 Page - Motorola, Inc

Back Button MPC8260ACVR Datasheet HTML 33Page - Motorola, Inc MPC8260ACVR Datasheet HTML 34Page - Motorola, Inc MPC8260ACVR Datasheet HTML 35Page - Motorola, Inc MPC8260ACVR Datasheet HTML 36Page - Motorola, Inc MPC8260ACVR Datasheet HTML 37Page - Motorola, Inc MPC8260ACVR Datasheet HTML 38Page - Motorola, Inc MPC8260ACVR Datasheet HTML 39Page - Motorola, Inc MPC8260ACVR Datasheet HTML 40Page - Motorola, Inc MPC8260ACVR Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
37
Pinout
LCL_D17/AD171
U27
LCL_D18/AD181
U26
LCL_D19/AD191
U25
LCL_D20/AD201
V29
LCL_D21/AD211
V28
LCL_D22/AD221
V27
LCL_D23/AD231
V26
LCL_D24/AD241
W27
LCL_D25/AD251
W26
LCL_D26/AD261
W25
LCL_D27/AD271
Y29
LCL_D28/AD281
Y28
LCL_D29/AD291
Y25
LCL_D30/AD301
AA29
LCL_D31/AD311
AA28
LCL_DP0/C01/BE01
L28
LCL_DP1/C11/BE11
N28
LCL_DP2/C21/BE21
T28
LCL_DP3/C31/BE31
W28
IRQ0/NMI_OUT
T1
IRQ7/INT_OUT/APE
D1
TRST
AH3
TCK
AG5
TMS
AJ3
TDI
AE6
TDO
AF5
TRIS
AB4
PORESET
AG6
HRESET
AH5
SRESET
AF6
QREQ
AA3
RSTCONF
AJ4
MODCK1/AP1/TC0/BNKSEL0
W2
MODCK2/AP2/TC1/BNKSEL1
W3
MODCK3/AP3/TC2/BNKSEL2
W4
Table 19. Pinout List (Continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48