Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8260ACVR Fiches technique(PDF) 35 Page - Motorola, Inc

No de pièce MPC8260ACVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260ACVR Fiches technique(HTML) 35 Page - Motorola, Inc

Back Button MPC8260ACVR Datasheet HTML 31Page - Motorola, Inc MPC8260ACVR Datasheet HTML 32Page - Motorola, Inc MPC8260ACVR Datasheet HTML 33Page - Motorola, Inc MPC8260ACVR Datasheet HTML 34Page - Motorola, Inc MPC8260ACVR Datasheet HTML 35Page - Motorola, Inc MPC8260ACVR Datasheet HTML 36Page - Motorola, Inc MPC8260ACVR Datasheet HTML 37Page - Motorola, Inc MPC8260ACVR Datasheet HTML 38Page - Motorola, Inc MPC8260ACVR Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
35
Pinout
CS6
F28
CS7
G25
CS8
D29
CS9
E29
CS10/BCTL1
F29
CS11/AP0
G28
BADDR27
T5
BADDR28
U1
ALE
T2
BCTL0
A27
PWE0/PSDDQM0/PBS0
C25
PWE1/PSDDQM1/PBS1
E24
PWE2/PSDDQM2/PBS2
D24
PWE3/PSDDQM3/PBS3
C24
PWE4/PSDDQM4/PBS4
B26
PWE5/PSDDQM5/PBS5
A26
PWE6/PSDDQM6/PBS6
B25
PWE7/PSDDQM7/PBS7
A25
PSDA10/PGPL0
E23
PSDWE/PGPL1
B24
POE/PSDRAS/PGPL2
A24
PSDCAS/PGPL3
B23
PGTA/PUPMWAIT/PGPL4/PPBS
A23
PSDAMUX/PGPL5
D22
LWE0/LSDDQM0/LBS0/PCI_CFG01
H28
LWE1/LSDDQM1/LBS1/PCI_CFG11
H27
LWE2/LSDDQM2/LBS2/PCI_CFG21
H26
LWE3/LSDDQM3/LBS3/PCI_CFG31
G29
LSDA10/LGPL0/PCI_MODCKH01
D27
LSDWE/LGPL1/PCI_MODCKH11
C28
LOE/LSDRAS/LGPL2/PCI_MODCKH21
E26
LSDCAS/LGPL3/PCI_MODCKH31
D25
LGTA/LUPMWAIT/LGPL4/LPBS
C26
LGPL5/LSDAMUX/PCI_MODCK1
B27
LWR
D28
Table 19. Pinout List (Continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48