Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8260ACVR Fiches technique(PDF) 39 Page - Motorola, Inc

No de pièce MPC8260ACVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260ACVR Fiches technique(HTML) 39 Page - Motorola, Inc

Back Button MPC8260ACVR Datasheet HTML 35Page - Motorola, Inc MPC8260ACVR Datasheet HTML 36Page - Motorola, Inc MPC8260ACVR Datasheet HTML 37Page - Motorola, Inc MPC8260ACVR Datasheet HTML 38Page - Motorola, Inc MPC8260ACVR Datasheet HTML 39Page - Motorola, Inc MPC8260ACVR Datasheet HTML 40Page - Motorola, Inc MPC8260ACVR Datasheet HTML 41Page - Motorola, Inc MPC8260ACVR Datasheet HTML 42Page - Motorola, Inc MPC8260ACVR Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
39
Pinout
PB5/FCC3_TXD2/FCC2_UT8_RXD1/L1TSYNCA2/L1GNTA2
AD262
PB6/FCC3_TXD1/FCC2_UT8_RXD2/L1RXDA2/L1RXD0A2
AD252
PB7/FCC3_TXD0/FCC3_TXD/FCC2_UT8_RXD3/L1TXDA2/L1TXD0A2
AE262
PB8/FCC2_UT8_TXD3/FCC3_RXD0/FCC3_RXD/TXD3/L1RSYNCD1
AH272
PB9/FCC2_UT8_TXD2/FCC3_RXD1/L1TXD2A2/L1TSYNCD1/L1GNTD1
AG242
PB10/FCC2_UT8_TXD1/FCC3_RXD2/L1RXDD1
AH242
PB11/FCC3_RXD3/FCC2_UT8_TXD0/L1TXDD1
AJ242
PB12/FCC3_MII_CRS/L1CLKOB1/L1RSYNCC1/TXD2
AG222
PB13/FCC3_MII_COL/L1RQB1/L1TSYNCC1/L1GNTC1/L1TXD1A2
AH212
PB14/FCC3_MII_TX_EN/RXD3/L1RXDC1
AG202
PB15/FCC3_MII_TX_ER/RXD2/L1TXDC1
AF192
PB16/FCC3_MII_RX_ER/L1CLKOA1/CLK18
AJ182
PB17/FCC3_MII_RX_DV/L1RQA1/CLK17
AJ172
PB18/FCC2_UT8_RXD4/FCC2_RXD3/L1CLKOD2/L1RXD2A2
AE142
PB19/FCC2_UT8_RXD5/FCC2_RXD2/L1RQD2/L1RXD3A2
AF132
PB20/FCC2_UT8_RXD6/FCC2_RXD1/L1RSYNCD2/L1TXD1A1
AG122
PB21/FCC2_UT8_RXD7/FCC2_RXD0/FCC2_RXD/L1TSYNCD2/L1GNTD2/
L1TXD2A1
AH112
PB22/FCC2_UT8_TXD7/FCC2_TXD0/FCC2_TXD/L1RXD1A1/L1RXDD2
AH162
PB23/FCC2_UT8_TXD6/FCC2_TXD1/L1RXD2A1/L1TXDD2
AE152
PB24/FCC2_UT8_TXD5/FCC2_TXD2/L1RXD3A1/L1RSYNCC2
AJ92
PB25/FCC2_UT8_TXD4/FCC2_TXD3/L1TSYNCC2/L1GNTC2/L1TXD3A1
AE92
PB26/FCC2_MII_CRS/FCC2_UT8_TXD1/L1RXDC2
AJ72
PB27/FCC2_MII_COL/FCC2_UT8_TXD0/L1TXDC2
AH62
PB28/FCC2_MII_RX_ER/FCC2_RTS/L1TSYNCB2/L1GNTB2/TXD1
AE32
PB29/FCC2_UTM_RXCLAV/FCC2_UTS_RXCLAV/L1RSYNCB2/
FCC2_MII_TX_EN
AE22
PB30/FCC2_MII_RX_DV/FCC2_UT_TXSOC/L1RXDB2
AC52
PB31/FCC2_MII_TX_ER/FCC2_UT_RXSOC/L1TXDB2
AC42
PC0/DREQ1/BRGO7/SMSYN2/L1CLKOA2
AB262
PC1/DREQ2/BRGO6/L1RQA2
AD292
PC2/FCC3_CD/FCC2_UT8_TXD3/DONE2
AE292
PC3/FCC3_CTS/FCC2_UT8_TXD2/DACK2/CTS4
AE272
PC4/FCC2_UTM_RXENB/FCC2_UTS_RXENB/SI2_L1ST4/FCC2_CD
AF272
PC5/FCC2_UTM_TXCLAV/FCC2_UTS_TXCLAV/SI2_L1ST3/FCC2_CTS
AF242
PC6/FCC1_CD/L1CLKOC1/FCC1_UTM_RXADDR2/FCC1_UTS_RXADDR/
FCC1_UTM_RXCLAV1
AJ262
Table 19. Pinout List (Continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48