Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8260ACVR Fiches technique(PDF) 33 Page - Motorola, Inc

No de pièce MPC8260ACVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260ACVR Fiches technique(HTML) 33 Page - Motorola, Inc

Back Button MPC8260ACVR Datasheet HTML 29Page - Motorola, Inc MPC8260ACVR Datasheet HTML 30Page - Motorola, Inc MPC8260ACVR Datasheet HTML 31Page - Motorola, Inc MPC8260ACVR Datasheet HTML 32Page - Motorola, Inc MPC8260ACVR Datasheet HTML 33Page - Motorola, Inc MPC8260ACVR Datasheet HTML 34Page - Motorola, Inc MPC8260ACVR Datasheet HTML 35Page - Motorola, Inc MPC8260ACVR Datasheet HTML 36Page - Motorola, Inc MPC8260ACVR Datasheet HTML 37Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
33
Pinout
D18
D15
D19
C13
D20
B11
D21
A8
D22
A5
D23
C5
D24
C19
D25
C17
D26
C15
D27
D13
D28
C11
D29
B8
D30
A4
D31
E6
D32
E18
D33
B17
D34
A15
D35
A12
D36
D11
D37
C8
D38
E7
D39
A3
D40
D18
D41
A17
D42
A14
D43
B12
D44
A10
D45
D8
D46
B6
D47
C4
D48
C18
D49
E16
D50
B14
D51
C12
D52
B10
Table 19. Pinout List (Continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48