Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4683 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN4683
Description  Transport layer security protocol for SPWFxxx module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4683 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN4683 Datasheet HTML 23Page - STMicroelectronics AN4683 Datasheet HTML 24Page - STMicroelectronics AN4683 Datasheet HTML 25Page - STMicroelectronics AN4683 Datasheet HTML 26Page - STMicroelectronics AN4683 Datasheet HTML 27Page - STMicroelectronics AN4683 Datasheet HTML 28Page - STMicroelectronics AN4683 Datasheet HTML 29Page - STMicroelectronics AN4683 Datasheet HTML 30Page - STMicroelectronics AN4683 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Certificate generation with OpenSSL
AN4683
28/31
DocID027745 Rev 1
Appendix A
Certificate generation with OpenSSL
OpenSSL is an open-source implementation for PC platforms (Win, *nix, Mac) of the
SSL/TLS protocols providing both client and server functionalities. The core library, written
in the C programming language, implements the basic cryptographic functions and provides
various utility functions. For testing purposes, OpenSSL-1.0.1i has been used as TLS
Server. For documentation and installation instructions, please refer to OpenSSL website
(see [12] in References).
Just for example purposes, included below are the OpenSSL commands to generate RSA
and EC compatible certificates and associated private keys.
Example for generating RSA signed certificates:
Generate key pair and a self-signed certificate for the CA (trusted certificate):
1.
openssl genpkey -out ca_key.pem -outform PEM -algorithm rsa -pkeyopt
rsa_keygen_bits:1024
2.
openssl req -new -key ca_key.pem -days 6500 -set_serial 1111 -subj
“/C=IT/ST=Lombardia/L=Milan/O=STM/OU=R&D/CN=CA domain” -out ca_cert.pem -
x509
Generate server certificate/key pair:
3.
openssl genpkey -out server_key.pem -outform PEM -algorithm rsa -pkeyopt
rsa_keygen_bits:1024
4.
openssl req -new -key server_key.pem -days 6500 -set_serial 2222 -subj
“/C=IT/ST=Lombardia/L=Milan/O=STM/OU=R&D/CN=server domain” -out
server_cert_req.pem
5.
openssl ca -in server_cert_req.pem -out server_cert.pem -days 6500 -keyfile
ca_key.pem -cert ca_cert.pem -notext -batch
Generate client certificate/key pair:
6.
openssl genpkey -out client_key.pem -outform PEM -algorithm rsa -pkeyopt
rsa_keygen_bits:1024
7.
openssl req -new -key client_key.pem -days 6500 -set_serial 3333 -subj
“/C=IT/ST=Lombardia/L=Milan/O=STM/OU=R&D/CN=client domain” -out
client_cert_req.pem
8.
openssl ca -in client_cert_req.pem -out client_cert.pem -days 6500 -keyfile
ca_key.pem -cert ca_cert.pem -notext -batch
Example for generating ECC signed certificates:
Generate key pair and a self-signed certificate for the CA (trusted certificate):
1.
openssl ecparam -out ca_key.pem -name prime192v1 -genkey
2.
openssl req -new -key ca_key.pem -days 6500 -set_serial 1111 -subj
“/C=IT/ST=Lombardia/L=Milan/O=STM/OU=R&D/CN=CA domain” -out ca_cert.pem -
x509



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31