| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4683 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4683 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 31 page ![]() SPWF01Sxxx use modes AN4683 16/31 DocID027745 Rev 1 Figure 7. AT commands for mutual authentication 2.5 Protocol version downgrade The client is able to connect to a server running SSLv3.0 to TLSv1.2 protocol version. Thanks to the version downgrade capability, the client can use the highest protocol version supported by the server and eventually downgrade to SSLv3.0 if needed. 2.6 Pseudo random number generator The SPWF01Sxxx module provides a software-based pseudo random number generator (PRNG). The PRNG is initialized at boot time and is based on the RC4 stream cipher algorithm. |