Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4683 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4683
Description  Transport layer security protocol for SPWFxxx module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4683 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4683 Datasheet HTML 9Page - STMicroelectronics AN4683 Datasheet HTML 10Page - STMicroelectronics AN4683 Datasheet HTML 11Page - STMicroelectronics AN4683 Datasheet HTML 12Page - STMicroelectronics AN4683 Datasheet HTML 13Page - STMicroelectronics AN4683 Datasheet HTML 14Page - STMicroelectronics AN4683 Datasheet HTML 15Page - STMicroelectronics AN4683 Datasheet HTML 16Page - STMicroelectronics AN4683 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DocID027745 Rev 1
13/31
AN4683
SPWF01Sxxx use modes
31
Note:
This mode is particularly attractive for privacy-preserving solutions and also for low memory
consumption, since it does not require certificates storage. But it increases the chance for
intruder-in-the-middle attacks.
Figure 5 lists the AT required commands for opening a secure connection with anonymous
negotiation, followed by writing to and reading sockets.
Figure 5. AT commands for anonymous negotiation
2.4.2
One-way authentication
In one-way authentication mode, the server sends its signed certificate to an
unauthenticated client.
In order to verify the server certificate, the client:
1.
verifies the digital signature
2.
checks that the date of the certificate is in range
3.
verifies the domain
To achieve this purpose, the following steps must be completed:
1.
the issuing root CA certificate must be loaded in advance into client (see
AT+S.TLSCERT) in PEM format.
2.
To check the date, the module reference time must be initialized after each module
reset (see AT+S.SETTIME): the time refers to UTC format and must be expressed as
the time in seconds since 1970-Jan-01.
3.
The domain passed to the client (see AT+S.TLSDOMAIN) must match the name
specified in the server certificate (Common Name or others).
If the verification of the server certificate succeeds, the connection proceeds as normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31