Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4683 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce AN4683
Description  Transport layer security protocol for SPWFxxx module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4683 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button AN4683 Datasheet HTML 6Page - STMicroelectronics AN4683 Datasheet HTML 7Page - STMicroelectronics AN4683 Datasheet HTML 8Page - STMicroelectronics AN4683 Datasheet HTML 9Page - STMicroelectronics AN4683 Datasheet HTML 10Page - STMicroelectronics AN4683 Datasheet HTML 11Page - STMicroelectronics AN4683 Datasheet HTML 12Page - STMicroelectronics AN4683 Datasheet HTML 13Page - STMicroelectronics AN4683 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
SSL/TLS protocol overview
AN4683
10/31
DocID027745 Rev 1
Figure 4. Certificate chain or chain of trust
In some cases it would be easier and less expensive to use self-signed certificates, for
example, for testing purposes or when the parties know and trust each other. A self-signed
certificate is a certificate that is signed by the same entity whose identity it certifies. There is
no central CA.
TLS supports three authentication modes:
–
Mutual authentication - both parties (client and server) share their signed
certificates and authenticate each other. Mutual authentication provides stronger
security by assuring that the identity on both sides of the communication are
known.
–
One-way authentication - only the server sends its signed certificate and is
authenticated by the client. The client is not required to send the server a digital
certificate and remains unauthenticated (no certificate).
–
Anonymous - neither entity authenticates the identity of the other party.
Each party is responsible for verifying that the other’s certificate is valid and has not expired
or been revoked. In case of one-way or mutual authentication, because certificate validation
requires that root CA keys be distributed independently, it is assumed the remote end must
already possess a root CA certificate to accomplish validation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31